Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46RU67 Fiches technique(PDF) 67 Page - Holtek Semiconductor Inc

No de pièce HT46RU67
Description  100-pin LQFP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RU67 Fiches technique(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT46RU67_14 Datasheet HTML 60Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 61Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 62Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 63Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 64Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 65Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 66Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 67Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 68Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
HT46RU67/HT46CU67
Rev. 1.30
67
2014-06-10
100-pin LQFP (14mm×14mm)外形尺寸
符号
尺寸(单位:inch)
最小
正常
最大
A
0.630 BSC
B
0.551 BSC
C
0.630 BSC
D
0.551 BSC
E
0.020 BSC
F
0.007
0.009
0.011
G
0.053
0.055
0.057
H
0.063
I
0.002
0.006
J
0.018
0.024
0.030
K
0.004
0.008
α
符号
尺寸(单位:mm)
最小
正常
最大
A
16 BSC
B
14 BSC
C
16 BSC
D
14 BSC
E
0.50 BSC
F
0.17
0.22
0.27
G
1.35
1.40
1.45
H
1.60
I
0.05
0.15
J
0.45
0.60
0.75
K
0.09
0.20
α


Numéro de pièce similaire - HT46RU67_14

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
   A/D Type 8-Bit MCU with LCD
More results

Description similaire - HT46RU67_14

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64_14 Datasheet
1Mb / 51P
   52/100-pin LQFP
logo
Renesas Technology Corp
R0E55630EDMB01 RENESAS-R0E55630EDMB01 Datasheet
309Kb / 8P
   100-pin 0.5mm-pitch LQFP
R0E5563NEDMB01 RENESAS-R0E5563NEDMB01 Datasheet
338Kb / 8P
   100-pin 0.5mm-pitch LQFP
logo
Holtek Semiconductor In...
HT48R52A HOLTEK-HT48R52A_14 Datasheet
816Kb / 36P
   44-pin QFP / LQFP
HT48R54A HOLTEK-HT48R54A_14 Datasheet
509Kb / 42P
   44-pin QFP/LQFP
logo
Renesas Technology Corp
R0E55630EDMB00 RENESAS-R0E55630EDMB00 Datasheet
344Kb / 8P
   144-pin 0.5mm-pitch LQFP
R0E5563NEDMB00 RENESAS-R0E5563NEDMB00 Datasheet
325Kb / 8P
   144-pin 0.5mm-pitch LQFP
M3T-100LCC-QSD RENESAS-M3T-100LCC-QSD Datasheet
146Kb / 1P
   Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch LQFP
logo
Holtek Semiconductor In...
HT46R62 HOLTEK-HT46R62_13 Datasheet
1Mb / 50P
   52-pin LQFP竊?6-pin SSOP
logo
Renesas Technology Corp
M3T-FLX-100NSD RENESAS-M3T-FLX-100NSD Datasheet
361Kb / 1P
   Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.5mm-pitch LQFP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com