Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R64 Fiches technique(PDF) 30 Page - Holtek Semiconductor Inc

No de pièce HT46R64
Description  52/100-pin LQFP
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R64 Fiches technique(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT46R64_14 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R64_14 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R64_14 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R64_14 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R64_14 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R64_14 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R64_14 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R64_14 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R64_14 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
HT46R64/HT46C64
Rev. 2..10
30
2014-06-06
COM0
COM1
COM2
COM3
LCD segments ON
COM2 side lighted
VA
VB
VC
VSS
VSS
VSS
VSS
VSS
VA
VB
VC
VA
VB
VC
VA
VB
VC
VA
VB
VC
Note: 1/4 duty, 1/3 bias, C type: "VA" 3/2 VLCD, "VB" VLCD, "VC" 1/2 VLCD
1/4 duty, 1/3 bias, R type: "VA" VLCD, "VB" 2/3 VLCD, "VC" 1/3 VLCD
LCD 驱动输出


Numéro de pièce similaire - HT46R64_14

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
More results

Description similaire - HT46R64_14

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R62 HOLTEK-HT46R62_13 Datasheet
1Mb / 50P
   52-pin LQFP竊?6-pin SSOP
HT46RU67 HOLTEK-HT46RU67_14 Datasheet
2Mb / 68P
   100-pin LQFP
logo
Renesas Technology Corp
R0E55630EDMB01 RENESAS-R0E55630EDMB01 Datasheet
309Kb / 8P
   100-pin 0.5mm-pitch LQFP
R0E5563NEDMB01 RENESAS-R0E5563NEDMB01 Datasheet
338Kb / 8P
   100-pin 0.5mm-pitch LQFP
logo
Holtek Semiconductor In...
HT48R52A HOLTEK-HT48R52A_14 Datasheet
816Kb / 36P
   44-pin QFP / LQFP
HT48R54A HOLTEK-HT48R54A_14 Datasheet
509Kb / 42P
   44-pin QFP/LQFP
logo
Renesas Technology Corp
R0E55630EDMB00 RENESAS-R0E55630EDMB00 Datasheet
344Kb / 8P
   144-pin 0.5mm-pitch LQFP
R0E5563NEDMB00 RENESAS-R0E5563NEDMB00 Datasheet
325Kb / 8P
   144-pin 0.5mm-pitch LQFP
logo
List of Unclassifed Man...
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
   52 pin PLCC socket/52 pin PLCC plug
logo
Renesas Technology Corp
M3T-100LCC-QSD RENESAS-M3T-100LCC-QSD Datasheet
146Kb / 1P
   Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch LQFP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com