Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R064 Fiches technique(PDF) 35 Page - Holtek Semiconductor Inc

No de pièce HT46R064
Description  Enhanced A/D Type 8-Bit OTP MCU
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R064 Fiches technique(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT46R064_13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 101 page
background image
HT46R064/065/066/0662/067
Rev. 1.30
35
January 22, 2013
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers.
Register
Power-on
Reset
RES or LVR
Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(Idle/Sleep)
PCL
·····
0000 0000
0000 0000
0000 0000
0000 0000
MP0
·
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP1
·
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP0
····
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
····
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
·
·
---- --- 0
---- --- 0
---- --- 0
---- --- u
ACC
·····
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
·····
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
·- - xx xxxx
-- uu uuuu
-- uu uuuu
-- uu uuuu
···
- xxx xxxx
- uuu uuuu
- uuu uuuu
- uuu uuuu
·
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
WDTS
·····
---- - 111
---- - 111
---- - 111
---- - uuu
STATUS
·····
- - 00 xxxx
-- uu uuuu
-- 1u uuuu
-- 11 uuuu
INTC0
·····
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
INTC1
·
--- 0 --- 0
--- 0 --- 0
--- 0 --- 0
--- u --- u
···
- - 00 -- 00
-- 00 -- 00
-- 00 -- 00
-- uu -- uu
·- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
TMR0
·····
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
·····
0000 1000
0000 1000
0000 1000
uuuu uuuu
TMR1
····
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
····
0000 1
---
0000 1
---
0000 1
---
uuuu u
---
TMR2
·
xxxx xxxx
xxxx xxxx
xxxx xxxx
uu
- u uuuu
TMR2C
·
00
- 0 1000
00
- 0 1000
00
- 0 1000
uuuu uuuu
PA
·····
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
·····
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAWK
·····
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAPU
·····
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
PB
···
- - 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PBC
···
- - 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PBPU
···
- - 00 0000
- 000 0000
- 000 0000
-- uu uuuu
PB
··
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
··
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBPU
··
0000 0000
0000 0000
0000 0000
uuuu uuuu


Numéro de pièce similaire - HT46R064_13

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
More results

Description similaire - HT46R064_13

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_15 Datasheet
4Mb / 135P
   Enhanced A/D 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com