Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R003B Fiches technique(PDF) 20 Page - Holtek Semiconductor Inc

No de pièce HT46R003B
Description  Cost-Effective A/D 8-bit OTP MCU
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003B Fiches technique(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46R003B Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
Rev. 1.00
�0
��ne 1�� �01�
Rev. 1.00
�1
��ne 1�� �01�
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
System Control Registers – CTRL0, CTRL1
TheseregistersareusedtoprovidecontrolinternalfunctionssuchasthePFDfunction,thePWM
function,externalinterruptedgetriggertypeselectionandTimeBasefunctiondivisionratio.
CTRL0 Register
Bit
7
6
5
4
3
2
1
0
Name
PWMSEL
PWMC
PFDC
R/W
R/W
R/W
R/W
POR
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit5
PWMSEL:PWMtypeselection
0:6+2
1:7+1
Bit4
Unimplemented,readas"0"
Bit3
PWMC:I/OorPWMselection
0:PA4
1:PWM
Bit2
PFDC:I/OorPFDselection
0:PB5
1:PFD
Bit1~0
Unimplemented,readas"0"
CTRL1 Register
Bit
7
6
5
4
3
2
1
0
Name
INTES1
INTES0
TBSEL1 TBSEL0
R/W
R/W
R/W
R/W
R/W
POR
1
0
0
0
Bit7~6
INTES1~INTES0:Externalinterruptedgetypeselection
00:Disable
01:Risingedgetrigger
10:Fallingedgetrigger
11:Dualedgetrigger
Bit5~4
TBSEL1~TBSEL0:Timebaseperiodselection
00:210×(1/fS)
01:211×(1/fS)
10:212×(1/fS)
11:213×(1/fS)
Bit3~0
Unimplemented,readas"0"


Numéro de pièce similaire - HT46R003B

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R003 HOLTEK-HT46R003 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Description similaire - HT46R003B

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com