Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R003B Fiches technique(PDF) 63 Page - Holtek Semiconductor Inc

No de pièce HT46R003B
Description  Cost-Effective A/D 8-bit OTP MCU
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003B Fiches technique(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT46R003B Datasheet HTML 59Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 60Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 61Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 62Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 63Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 64Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 65Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 66Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
Rev. 1.00
6�
��ne 1�� �01�
Rev. 1.00
63
��ne 1�� �01�
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
Instruction Definition
ADC A,[m]
AddDataMemorytoACCwithCarry
Description
ThecontentsofthespecifiedDataMemory,Accumulatorandthecarryflagareadded.
TheresultisstoredintheAccumulator.
Operation
ACC←ACC+[m]+C
Affectedflag(s)
OV,Z,AC,C
ADCM A,[m]
AddACCtoDataMemorywithCarry
Description
ThecontentsofthespecifiedDataMemory,Accumulatorandthecarryflagareadded.
TheresultisstoredinthespecifiedDataMemory.
Operation
[m]←ACC+[m]+C
Affectedflag(s)
OV,Z,AC,C
ADD A,[m]
AddDataMemorytoACC
Description
ThecontentsofthespecifiedDataMemoryandtheAccumulatorareadded.
TheresultisstoredintheAccumulator.
Operation
ACC←ACC+[m]
Affectedflag(s)
OV,Z,AC,C
ADD A,x
AddimmediatedatatoACC
Description
ThecontentsoftheAccumulatorandthespecifiedimmediatedataareadded.
TheresultisstoredintheAccumulator.
Operation
ACC←ACC+x
Affectedflag(s)
OV,Z,AC,C
ADDM A,[m]
AddACCtoDataMemory
Description
ThecontentsofthespecifiedDataMemoryandtheAccumulatorareadded.
TheresultisstoredinthespecifiedDataMemory.
Operation
[m]←ACC+[m]
Affectedflag(s)
OV,Z,AC,C
AND A,[m]
LogicalANDDataMemorytoACC
Description
DataintheAccumulatorandthespecifiedDataMemoryperformabitwiselogicalAND
operation.TheresultisstoredintheAccumulator.
Operation
ACC←ACC″AND″[m]
Affectedflag(s)
Z
AND A,x
LogicalANDimmediatedatatoACC
Description
DataintheAccumulatorandthespecifiedimmediatedataperformabitwiselogicalAND
operation.TheresultisstoredintheAccumulator.
Operation
ACC←ACC″AND″x
Affectedflag(s)
Z
ANDM A,[m]
LogicalANDACCtoDataMemory
Description
DatainthespecifiedDataMemoryandtheAccumulatorperformabitwiselogicalAND
operation.TheresultisstoredintheDataMemory.
Operation
[m]←ACC″AND″[m]
Affectedflag(s)
Z


Numéro de pièce similaire - HT46R003B

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R003 HOLTEK-HT46R003 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Description similaire - HT46R003B

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com