Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT45R2K-C Fiches technique(PDF) 59 Page - Holtek Semiconductor Inc

No de pièce HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Fiches technique(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C_15 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 105 page
background image
Rev. 1.40
�8
�a��� 1�� �01�
Rev. 1.40
�9
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
TKM0C1 Register
Bit
7
6
5
4
3
2
1
0
Name
�0K4OEN �0K3OEN �0K�OEN �0K1OEN �0K4IO
�0K3IO
�0K�IO
�0K1IO
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
M0K4OEN:KEY4SensorOscillatorControl
0:disable
1:enable
Bit6
M0K3OEN:KEY3SensorOscillatorControl
0:disable
1:enable
Bit5
M0K2OEN:KEY2SensorOscillatorControl
0:disable
1:enable
Bit4
M0K1OEN:KEY1SensorOscillatorControl
0:disable
1:enable
Bit3
M0K4IO:KEY4touchkeyinputorI/Ofunction
0:I/O
1:Touchkeyinput
Bit2
M0K3IO:KEY3touchkeyinputorI/Ofunction
0:I/O
1:Touchkeyinput
Bit1
M0K2IO:KEY2touchkeyinputorI/Ofunction
0:I/O
1:Touchkeyinput
Bit0
M0K1IO:KEY1touchkeyinputorI/Ofunction
0:I/O
1:Touchkeyinput


Numéro de pièce similaire - HT45R2K-C_15

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Description similaire - HT45R2K-C_15

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com