Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RX230 Fiches technique(PDF) 94 Page - Renesas Technology Corp

No de pièce RX230
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX230 Fiches technique(HTML) 94 Page - Renesas Technology Corp

Back Button RX230 Datasheet HTML 90Page - Renesas Technology Corp RX230 Datasheet HTML 91Page - Renesas Technology Corp RX230 Datasheet HTML 92Page - Renesas Technology Corp RX230 Datasheet HTML 93Page - Renesas Technology Corp RX230 Datasheet HTML 94Page - Renesas Technology Corp RX230 Datasheet HTML 95Page - Renesas Technology Corp RX230 Datasheet HTML 96Page - Renesas Technology Corp RX230 Datasheet HTML 97Page - Renesas Technology Corp RX230 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 94 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. The IWDT, LVD, and CMPB are stopped.
Note 3. When VCC is 3.3 V.
Note 4. This increment includes the oscillation circuit.
Figure 5.4
Voltage Dependency in Software Standby Mode (Reference Data)
Table 5.8
DC Characteristics (6)
Conditions: 1.8 V
≤ VCC= VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Typ.*3
Max.
Unit
Test Conditions
Supply
current*1
Software standby
mode*2
Ta = 25°C
ICC
0.8
3.7
μA
Ta = 55°C
1.2
4.3
Ta = 85°C
3.5
18.6
Ta = 105°C
7.9
45.2
Increment for IWDT operation
0.4
Increment for LPT operation
0.4
Use IWDT-Dedicated On-Chip Oscillator for
clock source
Increment for RTC operation*4
0.4
RCR3.RTCDV[2:0] set to low drive capacity
1.2
RCR3.RTCDV[2:0] set to normal drive
capacity
Ta = 105°C
*2
Ta = 105°C
*1
Ta = 85°C
*2
Ta = 85°C
*1
Ta = 55°C
*2
Ta = 25°C
*2
Ta = 55°C
*1
Ta = 25°C
*1
Ta = 105°C
*2
Ta = 105°C
*1
Ta = 85°C
*2
Ta = 85°C
*1
Ta = 55°C
*2
Ta = 55°C
*1
Ta = 25°C
*1
Ta = 25°C
*2
2
2.5
3
3.5
4
4.5
6
5
5.5
1.5
VCC (V)
10
1
0.1
100
Note 1. Indicates the average of the typical samples through actual measurement during product evaluation.
Note 2. Indicates the average of the upper-limit samples through actual measurement during product evaluation.


Numéro de pièce similaire - RX230

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results

Description similaire - RX230

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com