Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TRF3750 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TRF3750
Description  HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TRF3750 Fiches technique(HTML) 3 Page - Texas Instruments

  TRF3750 Datasheet HTML 1Page - Texas Instruments TRF3750 Datasheet HTML 2Page - Texas Instruments TRF3750 Datasheet HTML 3Page - Texas Instruments TRF3750 Datasheet HTML 4Page - Texas Instruments TRF3750 Datasheet HTML 5Page - Texas Instruments TRF3750 Datasheet HTML 6Page - Texas Instruments TRF3750 Datasheet HTML 7Page - Texas Instruments TRF3750 Datasheet HTML 8Page - Texas Instruments TRF3750 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TRF3750
SLWS146A − MARCH 2004 − REVISED NOVEMBER 2004
www.ti.com
3
ORDERING INFORMATION
PRODUCT
PACKAGE /
LEADS
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
QUANTITY
TRF3750IPW
TSSOP-16
PW
–40°C to 85°C
TRF3750
TRF3750IPW
Tube
90
TRF3750IPWR
TSSOP-16
PW
–40°C to 85°C
TRF3750
TRF3750IPWR
Reel
2000
TRF3750IRGP
QFN-20
RGP
–40°C to 85°C
TRF3750
TRF3750IRGP
Tube
91
TRF3750IRGPR
QFN-20
RGP
–40°C to 85°C
TRF3750
TRF3750IRGPR
Reel
1000
PIN ASSIGNMENTS
TERMINAL
NAME
QFN(1)
NO.
TSSOP
NO.
TYPE
DESCRIPTION
RSET
19
1
O
The user needs to place an external resistor (RSET) from this pin to ground to control the
maximum charge pump current. This node’s output voltage is typically around 1 V and the
relationship between ICPOUTmax and RSET is:
ICPOUTmax +
23.5
RSET
A 4.7-kΩ resistor placed at this pin to ground would hence provide a maximum charge pump
output current of approximately 5 mA.
CPOUT
20
2
O
Charge pump output. This node provides the charge pump current that ultimately controls the
external VCO.
CPGND
1
3
I
Charge pump ground
AGND
23
4
I
Analog ground
RFIN
4
5
I
Complementary input to the prescaler. For single-ended applications, bypass with a small
capacitor to ground (typically 100 pF).
RFIN
5
6
I
Input to the prescaler. To complete the PLL, this signal must come from the output of the
external VCO.
AVDD
6, 7
7
I
Analog power supply. There are two possible supply ranges: 3 V − 3.6 V and 4.5 V − 5.5 V.
This value should be the same as the DVDD. Appropriate decoupling is necessary for optimal
performance.
REFIN
8
8
I
Reference frequency input. This externally provided reference gets divided by the selectable R
divider, and is used to synthesize the desired output frequency. Typically this input is an
ac-coupled sinusoid; however, a TTL or CMOS signal can also be used.
DGND
9, 10
9
I
Digital ground
CE
11
10
I
Chip enable. Setting this pin low puts the device into power down; setting it high activates the
charge pump if the software controlled power down is also disabled.
CLOCK
12
11
I
Serial clock input. This is the input that is used to clock the serial data into the 24-bit shift
register of the device. The data is read at the rising edge of this clock.
DATA
13
12
I
Serial data input. This is the data stream that contains the data to be loaded into the shift
register. The data is loaded MSB first.
LE
14
13
I
Load enable. When this asynchronous signal is asserted high, the data existing in the shift
register get loaded onto the selected latch.
MUXOUT
15
14
O
This user-selectable output can be controlled to provide the digital or analog lock detect
signals, the divide by N RF signal or the divide by R reference. The output can also be
3-stated.
DVDD
16, 17
15
I
Digital power supply. There are two possible supply ranges: 3 V − 3.6 V and 4.5 V − 5.5 V. This
value should be the same as the AVDD. Appropriate decoupling is necessary for optimal
performance.
VCP
18
16
I
Charge pump supply. This supply must be at least 1 V greater than the AVDD and DVDD and
can be as high as 8 V, accommodating a large range of possible VCOs.
(1) The thermal pad on the bottom of the QFN package may be tied to ground, but is not required to meet specified performance.


Numéro de pièce similaire - TRF3750

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TRF3750 TI1-TRF3750 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750 Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750IPW TI1-TRF3750IPW Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750IPWG4 TI1-TRF3750IPWG4 Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750IPWR TI1-TRF3750IPWR Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
More results

Description similaire - TRF3750

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TRF3750 TI1-TRF3750_16 Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241_14 Datasheet
986Kb / 19P
   UltraCMOS짰 Integer-N PLL Frequency Synthesizer
logo
Analog Devices
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
Asahi Kasei Microsystem...
AK1544 AKM-AK1544 Datasheet
957Kb / 37P
   1300MHz Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com