Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XZMDH160S Fiches technique(PDF) 2 Page - SunLED Corporation

No de pièce XZMDH160S
Description  White ceramic package with silicone resin
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMDH160S Fiches technique(HTML) 2 Page - SunLED Corporation

  XZMDH160S Datasheet HTML 1Page - SunLED Corporation XZMDH160S Datasheet HTML 2Page - SunLED Corporation XZMDH160S Datasheet HTML 3Page - SunLED Corporation XZMDH160S Datasheet HTML 4Page - SunLED Corporation XZMDH160S Datasheet HTML 5Page - SunLED Corporation XZMDH160S Datasheet HTML 6Page - SunLED Corporation XZMDH160S Datasheet HTML 7Page - SunLED Corporation XZMDH160S Datasheet HTML 8Page - SunLED Corporation XZMDH160S Datasheet HTML 9Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Sep 17,2016
XDSB7945 V2-Z Layout: Maggie L.
P. 2/9
Part Number: XZMDH160S
3.45X3.45mm SMD LED WITH CERAMIC SUB-
STRATE
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Part
Number
Emitting Color (Material)
Lens-color
Viewing
Angle
2
θ 1/2 [1]
Code.
Min.
Max.
typ.
XZMDH160S
Red (AlGaInP)
Water Clear
B8*
35*
42*
42.7*
120
°
B9*
42*
50*
B10*
50*
60*
Φv (lm) [2]
CIE127-2007*
(IF=350mA)
Parameter
Symbol
Value
Unit
DC Forward Current [1]
IF
350
mA
Peak Forward Current [2]
IFM
500
mA
Reverse Voltage
VR
5
V
Operating Temperature
Top
-40 To +100
°C
Storage Temperature
Tstg
-40 To +110
°C
Junction temperature[1]
TJ
110
°C
Thermal resistance [1] (Junction/ambient)
Rth j-a
80
°C/W
Thermal resistance [1] (Junction/solder point)
Rth j-s
15
°C/W
Power dissipation
PD
1.05
W
Parameter
Symbol
Value
Unit
Wavelength at peak emission CIE127-2007* IF = 350mA [Typ.]
λpeak
640*
nm
Dominant Wavelength CIE127-2007* IF = 350mA [Typ.]
λdom [1]
625*
nm
Spectral bandwidth at 50%
Φ REL MAX IF = 350mA [Typ.]
λ
20
nm
Allowable Reverse Current [Max.]
IR
85
mA
VF [2]
V
Forward Voltage IF = 350mA [Typ.]
2.5
Forward Voltage IF = 350mA [Max.]
3.0
Temperature coefficient of λpeak
IF = 350mA, -10
°C ≤ T ≤ 100°C [Typ.]
TCλpeak
0.14
nm/°C
Temperature coefficient of λdom
IF = 350mA, -10
°C ≤ T ≤ 100°C [Typ.]
TCλdom
0.12
nm/°C
Temperature coefficient of VF
IF = 350mA, -10
°C ≤ T ≤ 100°C [Typ.]
TCV
-3.0
mV/°C
Forward Voltage IF = 350mA [Min.]
2.0
Notes:
1.
θ 1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
* Luminous flux is in accordance with CIE127-2007 standards.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
* Wavelength value is traceable to CIE127-2007 standards.
Notes:
1. Results from mounting on metal core PCB, mounted on pc board-metal core PCB is recommend for lowest thermal resistance.
2. 1/10 Duty Cycle, 0.1ms Pulse Width.
3.
A Relative Humidity between 40% and 60% is recommended in ESD-protected work areas to reduce static build up during assembly process
(Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


Numéro de pièce similaire - XZMDH160S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
XZMD68W-1 ETC1-XZMD68W-1 Datasheet
198Kb / 3P
   1.0x0.5mm SMD CHIP LED LAMP
logo
SunLED Corporation
XZMD91W SUNLED-XZMD91W Datasheet
190Kb / 4P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
XZMDK105S SUNLED-XZMDK105S Datasheet
309Kb / 5P
   Long life and robust package
XZMDK168W SUNLED-XZMDK168W Datasheet
236Kb / 4P
   Ideal for indication light on hand held products
logo
List of Unclassifed Man...
XZMDK45W ETC1-XZMDK45W Datasheet
214Kb / 3P
   3.5x2.8 mm SMD CHIP LED LAMP
More results

Description similaire - XZMDH160S

FabricantNo de pièceFiches techniqueDescription
logo
SunLED Corporation
XZDG10X160S SUNLED-XZDG10X160S Datasheet
376Kb / 9P
   White ceramic package with silicone resin
XZCB14X160S SUNLED-XZCB14X160S Datasheet
371Kb / 9P
   White ceramic package with silicone resin
XZMYH160S SUNLED-XZMYH160S Datasheet
375Kb / 9P
   White ceramic package with silicone resin
XZMOLA143S SUNLED-XZMOLA143S Datasheet
340Kb / 7P
   White SMD package with silicone resin
XZMYLA143S SUNLED-XZMYLA143S Datasheet
341Kb / 7P
   White SMD package with silicone resin
logo
OSRAM GmbH
LUWCJSN OSRAM-LUWCJSN Datasheet
302Kb / 23P
   SMD ceramic Package with Silicone resin
LUW-CJSN OSRAM-LUW-CJSN Datasheet
302Kb / 23P
   SMD ceramic Package with Silicone resin
LUW-JLSH OSRAM-LUW-JLSH Datasheet
4Mb / 23P
   white SMT package, colored silicone resin
LUW-JDSI.EC OSRAM-LUW-JDSI.EC Datasheet
344Kb / 22P
   white SMT package, colored silicone resin
KW-DCLMS1.PC OSRAM-KW-DCLMS1.PC Datasheet
1Mb / 25P
   white SMT package, colored silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com