Moteur de recherche de fiches techniques de composants électroniques |
|
TCAN1051HGV-Q1 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
TCAN1051HGV-Q1 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 38 page TXD RXD GND VCC S CANH CANL VIO 1 2 3 4 8 7 6 5 TXD RXD GND VCC S CANH CANL NC 1 2 3 4 8 7 6 5 TXD RXD GND VCC S CANH CANL VIO 1 2 3 4 8 7 6 5 TXD RXD GND VCC S CANH CANL NC 1 2 3 4 8 7 6 5 4 TCAN1051-Q1, TCAN1051V-Q1, TCAN1051H-Q1 TCAN1051HV-Q1, TCAN1051G-Q1, TCAN1051GV-Q1 TCAN1051HG-Q1, TCAN1051HGV-Q1 SLLSET0C – OCTOBER 2016 – REVISED MAY 2017 www.ti.com Product Folder Links: TCAN1051-Q1 TCAN1051V-Q1 TCAN1051H-Q1 TCAN1051HV-Q1 TCAN1051G-Q1 TCAN1051GV-Q1 TCAN1051HG-Q1 TCAN1051HGV-Q1 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated 5 Device Comparison Table DEVICE NUMBER BUS FAULT PROTECTION 5-Mbps FLEXIBLE DATA RATE 3-V LEVEL SHIFTER INTEGRATED PIN 8 MODE SELECTION TCAN1051-Q1 (Base) ±58 V Silent Mode TCAN1051G-Q1 ±58 V X TCAN1051GV-Q1 ±58 V X X TCAN1051V-Q1 ±58 V X TCAN1051H-Q1 ±70 V TCAN1051HG-Q1 ±70 V X TCAN1051HGV-Q1 ±70 V X X TCAN1051HV-Q1 ±70 V X 6 Pin Configurations and Functions D Package for Base, (H), (G) and (HG) Devices 8 PIN (SOIC) Top View DRB Package for Base, (H), (G), and (HG) Devices 8 PIN (VSON) Top View Product Preview D Package for Base, (V), (GV), (HV), and (HGV) Devices 8 PIN (SOIC) Top View DRB Package for Base, (V), (GV), (HV) and (HGV) Devices 8 PIN (VSON) Top View Product Preview Pin Functions PINS TYPE DESCRIPTION NAME Base, (H), (G), (HG) (V), (GV), (HV), (HGV) TXD 1 1 DIGITAL INPUT CAN transmit data input (LOW for dominant and HIGH for recessive bus states) GND 2 2 GND Ground connection VCC 3 3 POWER Transceiver 5-V supply voltage RXD 4 4 DIGITAL OUTPUT CAN receive data output (LOW for dominant and HIGH for recessive bus states) NC 5 — — No Connect VIO — 5 POWER Transceiver I/O level shifting supply voltage (Devices with "V" suffix only) CANL 6 6 BUS I/O Low level CAN bus input/output line CANH 7 7 BUS I/O High level CAN bus lnput/output line S 8 8 DIGITAL INPUT Silent Mode control input (active high) |
Numéro de pièce similaire - TCAN1051HGV-Q1 |
|
Description similaire - TCAN1051HGV-Q1 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |