Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE1331 Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NTE1331
Description  Integrated Circuit Module - Dual, Audio Power Amplifier, 25W/Channel, 2 Power Supplies Required
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1331 Fiches technique(HTML) 1 Page - NTE Electronics

  NTE1331 Datasheet HTML 1Page - NTE Electronics NTE1331 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1331
Integrated Circuit
Module – Dual, Audio Power Amplifier,
25W/Channel, 2 Power Supplies Required
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
±38V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature, TC
+105
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Load Shorting Time (In appointed condition), ts
2sec
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Recommended Supply Voltage, VCC
±26V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Load Resistance, RL
8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = ±28V, RL = 8Ω, Rg = 600Ω, VG = 40dB unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCO
120
mA
Output Power
PO
THD = 0.08%, f = 20Hz to 20kHz
25
W
Total Harmonic Distortion
THD
PO = 1W, f = 20Hz to 20kHz
0.08
%
Frequency Response
f
PO = 1W, +0, –3dB, f = 1kHz
10 to 100k
Hz
Input Resistance
ri
PO = 1W, f = 1kHz
32
k


Numéro de pièce similaire - NTE1331

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE133 NTE-NTE133 Datasheet
19Kb / 2P
   N.Channel JFET Silicon Transistor General Purpose AF Amplifier
NTE1330 NTE-NTE1330 Datasheet
21Kb / 2P
   Integrated Circuit Module - Hybrid, Dual, Audio Power Amplifier, 15W/Ch, 2 Power Supplies Required
NTE1333 NTE-NTE1333 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp, 40W, 2 Power Supplies Req?셝
NTE1337 NTE-NTE1337 Datasheet
83Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required
NTE1338 NTE-NTE1338 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Driver for 40W to 50W Audio Power Amp
More results

Description similaire - NTE1331

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1320 NTE-NTE1320 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp, 25W, 2 Power Supplies Required
NTE1340 NTE-NTE1340 Datasheet
56Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amplifier, 24W 2 Power Supplies Required
NTE1330 NTE-NTE1330 Datasheet
21Kb / 2P
   Integrated Circuit Module - Hybrid, Dual, Audio Power Amplifier, 15W/Ch, 2 Power Supplies Required
NTE1347 NTE-NTE1347 Datasheet
20Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 20W/Ch, 2 Power Supplies Required
NTE1345 NTE-NTE1345 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 30W/Ch, 2 Power Supplies Required
NTE1328 NTE-NTE1328 Datasheet
82Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp50W 2 Power Supplies Required
NTE1329 NTE-NTE1329 Datasheet
82Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 20 Watt, 2 Power Supplies Required
NTE1337 NTE-NTE1337 Datasheet
83Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
   Integrated Circuit Dual 12W/Channel Audio Power Amplifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com