Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

INA826S Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce INA826S
Description  Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

INA826S Fiches technique(HTML) 3 Page - Texas Instruments

  INA826S Datasheet HTML 1Page - Texas Instruments INA826S Datasheet HTML 2Page - Texas Instruments INA826S Datasheet HTML 3Page - Texas Instruments INA826S Datasheet HTML 4Page - Texas Instruments INA826S Datasheet HTML 5Page - Texas Instruments INA826S Datasheet HTML 6Page - Texas Instruments INA826S Datasheet HTML 7Page - Texas Instruments INA826S Datasheet HTML 8Page - Texas Instruments INA826S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
±IN
10
+VS
2
RG
9
OUT
3
RG
8
REF
4
+IN
7
±VS
5
EN
6
ENREF
Not to scale
Thermal pad
3
INA826S
www.ti.com
SBOS770A – MAY 2017 – REVISED JUNE 2017
Product Folder Links: INA826S
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRC Package
10-Pin VSON
Top View
Pin Functions
NAME
NO.
I/O
DESCRIPTION
EN
5
I
Enable pin; active low with respect to ENREF
ENREF
6
I
Enable pin reference
–IN
1
I
Negative (inverting) input
+IN
4
I
Positive (noninverting) input
OUT
9
O
Output
REF
8
I
Reference input. This pin must be driven by low impedance.
RG
2, 3
Gain setting pins. Place a gain resistor between pin 2 and pin 3.
–VS
7
Negative supply
+VS
10
Positive supply
Thermal pad
Pad
Exposed thermal die pad on underside; connect thermal die pad to V–.
Soldering the thermal pad improves heat dissipation and provides specified performance.


Numéro de pièce similaire - INA826S

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826 TI-INA826 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI-INA826 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI1-INA826 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826 TI-INA826 Datasheet
3Mb / 33P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
More results

Description similaire - INA826S

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI1-INA826 Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com