Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSBI2643-T5-A Fiches technique(PDF) 4 Page - LIGITEK electronics co., ltd.

No de pièce LSBI2643-T5-A
Description  ROUND TYPE LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBI2643-T5-A Fiches technique(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSBI2643-T5-A Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBI2643-T5-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBI2643-T5-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBI2643-T5-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBI2643-T5-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBI2643-T5-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBI2643-T5-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSBI2643-T5-A Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
15
21
38
65
50
28
Min.
Luminous Intensity(mcd) at 5 mA
A11
PART NO. LSBI2643/T5/A
Group
A8
A10
A9
A7
A6
SBI CHIP
Bin
Code
90
3/7
Page
Max.
38
65
50
28
21
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0F
462
459
Min.
Max.
Wave length(nm) at 5 mA
Color
Code
SBI CHIP
Group
0D
465
468
0E
462
465


Numéro de pièce similaire - LSBI2643-T5-A

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSBI2643 LIGITEK-LSBI2643 Datasheet
108Kb / 6P
   ROUND TYPE LED LAMPS
More results

Description similaire - LSBI2643-T5-A

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com