Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MERA-7433 Fiches technique(PDF) 1 Page - Mini-Circuits

No de pièce MERA-7433
Description  Surface Mount DualMatchedMMICAmplifiers 50??High Dynamic Range DC to 1 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MERA-7433 Fiches technique(HTML) 1 Page - Mini-Circuits

  MERA-7433 Datasheet HTML 1Page - Mini-Circuits MERA-7433 Datasheet HTML 2Page - Mini-Circuits MERA-7433 Datasheet HTML 3Page - Mini-Circuits MERA-7433 Datasheet HTML 4Page - Mini-Circuits MERA-7433 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• Two matched amplifiers in one package
• InGaP HBT IF and RF amplifier
• frequency range, DC to 1 GHz, usable to 4 GHz
• high gain, 25 dB typ. at 100 MHz
• up to +19 dBm typ. output power at 100 MHz
• high IP3, +36 dBm at 100 MHz
CASE STYLE: DL805
PRICE: $ 4.70 ea. QTY (25)
Applications
• cellular
• catv
• VHF & UHF communication receivers
& transmitters
NEW!
• low noise figure, 2.7 dB typ.
• low thermal resistance
• transient protected
• patent pending
• useable as balanced and push pull amplifier
DC-1
25
22.4
19
16.2 13.4
20
19
18.3 14.8
18
10
2.7
36
35
32
1.25 1.8
130 700
80
4.8 4.3 5.3
120
0.15 0.3
0.3 —
0.5
1.0
Freq.HHHHH
(GHz)
DC
Operating
Power
Pin 5, Pin 8
Output
(1 dB Comp.) Typ.
Min.@
1GHz
Gain, dB Typical
A1, A2
over frequency, GHz
Maximum
Rating**
Thermal
Resistance
Current
(mA)
Volt
Typ Min Max
θjc,
typ.
°C/W
I
mA
P
mW
1
0.1
2
3
4
0.1
GHz
1.0
GHz
2.0
GHz
VSWR
(:1)
Typ.
Dynamic Range
NF
(dB)
Typ.
IP3
(dBm)
Typ.
Maximum Power
( dBm)
Input
(no
dmg.)
Out
In
0.1
GHz
0.5
GHz
1.0
GHz
f
L-fU
Min.@
0.1GHz
DC-1 GHz
Typ. Max.
1-4 GHz
Typ. Max.
DC-1 GHz
Typ.
1-4 GHz
Typ.
Amplitude
Unbalance
between
2 amps
(dB)
Phase
Unbalance
between
2 amps
(deg.)
matching1
H
H
H
H
H
Guaranteed specification DC-1GHz. Low frequency cutoff determined by external coupling capacitors.
** Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation. Reliability predictions and normal
operating conditions are applicable at current specified.
Pin Connections
PORT
RF IN 1
1
RF OUT 1
8
RF IN 2
4
RF OUT 2
5
DC 1
8
DC 2
5
GROUND
2,3,6,7 and paddle
typical biasing configuration
AB
C
D
EF
G
H
J
K
L
M
N
P
Q
R
ST
wt.
.128 .128 .035 .008 .080 .047 .013
— .014 .026 .158 .158 .084 .013 .030 .048 .020 .025
grams
3.25 3.25 0.90 0.20 2.03 1.19 0.33
— 0.36 0.66 4.01 4.01 2.13 0.33 0.76 1.22 0.51 0.64
.02
Outline Dimensions (
)
inch
mm
Demo Board MCL P/N: TB-294
Suggested PCB Layout (PL-165)
RF IN1
RF IN1
RF OUT1
RF OUT1
& PADDLE
& PADDLE
2,3,6,7
2,3,6,7
8
RF IN2
RF IN2
4
RF OUT2
RF OUT2
5
1
Vcc
Vcc
Vd
Vd
Vd
Vd
Vcc
Vcc
RFC
RFC
(opt)
(opt)
(opt)
(opt)
RFC
RFC
Rbios
Rbios
Rbios
Rbios
A1
A2
Outline Drawing
Maximum Ratings2
Operating Case Temperature
-45°C to 85°C
Storage Temperature
-55°C to 100°C
2. See application note AN-60-032 for adequate heat sinking of paddle.
MTTF vs. Junction Temp.
1
10
100
1,000
10,000
100,000
1,000,000
80
100
120
140
160
180 200
Junction Temp. (˚C)
50
High Dynamic Range DC to 1 GHz
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. OR
M94145
ED-11699/7
WZ/TD/CP/AM
041104
MERA-7433
Electrical Specifications @25°C
Surface Mount
DualMatchedMMICAmplifiers


Numéro de pièce similaire - MERA-7433

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
MERA-7433 MINI-MERA-7433_15 Datasheet
250Kb / 4P
   Dual Matched MMIC Amplifier
More results

Description similaire - MERA-7433

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
GALI-74 MINI-GALI-74 Datasheet
343Kb / 4P
   Surface Mount Monolithic Amplifier 50?? High dynamic range, DC to 1 GHz
MERA-7456 MINI-MERA-7456 Datasheet
213Kb / 5P
   Surface Mount Dual Matched MMIC Amplifiers 50??High Dynamic Range DC to 1 GHz
MERA-556 MINI-MERA-556 Datasheet
211Kb / 5P
   Surface Mount Dual Matched MMIC Amplifiers 50??High Dynamic Range DC to 2.2 GHz
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
logo
List of Unclassifed Man...
CMM6004-AH ETC-CMM6004-AH Datasheet
535Kb / 6P
   0.25 to 6.0 GHz High Dynamic Range Amplifier
CMM6004-SC ETC-CMM6004-SC Datasheet
510Kb / 7P
   0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
logo
Micronetics, Inc.
SMN7111-F1A MICRONETICS-SMN7111-F1A Datasheet
143Kb / 2P
   Surface Mount Noise Sources 50 kHz to 1 GHz
logo
Mini-Circuits
ERA-4XSM MINI-ERA-4XSM Datasheet
184Kb / 4P
   Surface Mount Monolithic Amplifier 50?? Broadband, DC to 4 GHz
logo
Pasternack Enterprises,...
PE7058-1 PASTERNACK-PE7058-1 Datasheet
96Kb / 1P
   THREE STAGE BENCH MOUNT ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 1 GHz
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com