Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MERA-7433 Fiches technique(PDF) 4 Page - Mini-Circuits

No de pièce MERA-7433
Description  Surface Mount DualMatchedMMICAmplifiers 50??High Dynamic Range DC to 1 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MERA-7433 Fiches technique(HTML) 4 Page - Mini-Circuits

  MERA-7433 Datasheet HTML 1Page - Mini-Circuits MERA-7433 Datasheet HTML 2Page - Mini-Circuits MERA-7433 Datasheet HTML 3Page - Mini-Circuits MERA-7433 Datasheet HTML 4Page - Mini-Circuits MERA-7433 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MERA-7433
Noise Figure vs. TEMPERATURE
CURRENT=80mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1000
2000
3000
4000
Frequency (MHz)
-45°C
+25°C
+85°C
MERA-7433
Noise Figure vs. CURRENT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1000
2000
3000
4000
Frequency (MHz)
64 mA
80 mA
96 mA
Temperature=+25°C
Performance Curves
MERA-7433
MERA-7433
AMPLITUDE UNBALANCE vs. ROOM
TEMPERATURE
CURRENT=80mA
-0.20
-0.10
0.00
0.10
0.20
0.30
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY(MHz)
MERA-7433
PHASE UNBALANCE vs.ROOM TEMPERATURE
CURRENT=80mA
-0.5
0.0
0.5
1.0
1.5
2.0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Page 4 of 5


Numéro de pièce similaire - MERA-7433

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
MERA-7433 MINI-MERA-7433_15 Datasheet
250Kb / 4P
   Dual Matched MMIC Amplifier
More results

Description similaire - MERA-7433

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
GALI-74 MINI-GALI-74 Datasheet
343Kb / 4P
   Surface Mount Monolithic Amplifier 50?? High dynamic range, DC to 1 GHz
MERA-7456 MINI-MERA-7456 Datasheet
213Kb / 5P
   Surface Mount Dual Matched MMIC Amplifiers 50??High Dynamic Range DC to 1 GHz
MERA-556 MINI-MERA-556 Datasheet
211Kb / 5P
   Surface Mount Dual Matched MMIC Amplifiers 50??High Dynamic Range DC to 2.2 GHz
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
logo
List of Unclassifed Man...
CMM6004-AH ETC-CMM6004-AH Datasheet
535Kb / 6P
   0.25 to 6.0 GHz High Dynamic Range Amplifier
CMM6004-SC ETC-CMM6004-SC Datasheet
510Kb / 7P
   0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
logo
Micronetics, Inc.
SMN7111-F1A MICRONETICS-SMN7111-F1A Datasheet
143Kb / 2P
   Surface Mount Noise Sources 50 kHz to 1 GHz
logo
Mini-Circuits
ERA-4XSM MINI-ERA-4XSM Datasheet
184Kb / 4P
   Surface Mount Monolithic Amplifier 50?? Broadband, DC to 4 GHz
logo
Pasternack Enterprises,...
PE7058-1 PASTERNACK-PE7058-1 Datasheet
96Kb / 1P
   THREE STAGE BENCH MOUNT ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 1 GHz
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com