Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-BM-6 Datasheet(Fiches technique) 1 Page - Mini-Circuits

Numéro de pièce SM-BM-6
Description  50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SM-BM-6 Datasheet(HTML) 1 Page - Mini-Circuits

  SM-BM-6 Datasheet HTML 1Page - Mini-Circuits SM-BM-6 Datenblatt HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
Adaptenuators
Features
• improved interface matching
• wideband, DC-2000 MHz, useable to 4 GHz
• excellent VSWR, 1.1:1 typ.
• excellent flatness, ±0.1 dB typ.
• rugged unibody construction
REV. A
M83075
N/BNC
EE-9890
SMA/BNC EE-9890
ADPTENUATOR
URJ/TD/CP
020906
Page 1 of 2
50
Ω, 3,6,10 dB, DC to 2000 MHz
Applications
• instrumentation
• provides attenuation and connector type change
• minimizes hardware
MODEL
NO.
FREQ.
(MHz)
VSWR
(:1)
f
L-fU
PRICE
$
Qty.
(1-24)
CASE
STYLE
Electrical Specifications
CONNECTOR
TYPE
* Flatness defined as peak to peak attenuation over band divided by 2
conn1
conn 2
ATTENUATION
(dB)
Nom.
Flatness*
L
Typ. Max.
Type-SMA/BNC
Type-N/BNC
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Input Power
0.5W Max.
M
Typ. Max.
U
Typ. Max.
L
Typ. Max.
M
Typ. Max.
U
Typ. Max.
SM-BM-3
SMA-Male
BNC-Male
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ869
19.95
SM-BM-6
SMA-Male
BNC-Male
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ869
19.95
SM-BM-10
SMA-Male
BNC-Male
DC-2000
10±0.3
0.05 0.10
0.10 0.15
0.10 0.20
1.1
1.2
1.1
1.3
1.2 1.25
DJ869
19.95
SF-BM-3
SMA-Female
BNC-Male
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ870
19.95
SF-BM-6
SMA-Female
BNC-Male
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ870
19.95
SF-BM-10
SMA-Female
BNC-Male
DC-2000
10±0.3
0.05 0.15
0.10 0.15
0.10 0.20
1.1
1.2
1.1
1.3
1.2 1.25
DJ870
19.95
SM-BF-3
SMA-Male
BNC-Fem
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ871
19.95
SM-BF-6
SMA-Male
BNC-Fem
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ871
19.95
SM-BF-10
SMA-Male
BNC-Fem
DC-2000
10±0.3
0.05 0.15
0.10 0.15
0.10 0.20
1.1
1.2
1.1
1.3
1.2 1.25
DJ871
19.95
SF-BF-3
SMA-Female
BNC-Fem
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ872
19.95
SF-BF-6
SMA-Female
BNC-Fem
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ872
19.95
SF-BF-10
SMA-Female
BNC-Fem
DC-2000
10±0.3
0.05 0.10
0.10 0.15
0.10 0.20
1.1
1.2
1.1
1.3
1.2 1.25
DJ872
19.95
NM-BM-3
N-Male
BNC-Male
DC-2000
3±0.3
0.10 0.20
0.20 0.25
0.20 0.30
1.1
1.2
1.1
1.2
1.2 1.30
DJ865
19.95
NM-BM-6
N-Male
BNC-Male
DC-2000
6±0.3
0.05 0.15
0.15 0.25
0.20 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ865
19.95
NM-BM-10
N-Male
BNC-Male
DC-2000
10±0.3
0.05 0.15
0.15 0.25
0.20 0.25
1.1
1.2
1.1
1.3
1.2 1.25
DJ865
19.95
NF-BM-3
N-Female
BNC-Male
DC-2000
3±0.3
0.05 0.15
0.10 0.25
0.17 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ867
19.95
NF-BM-6
N-Female
BNC-Male
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ867
19.95
NF-BM-10
N-Female
BNC-Male
DC-2000
10±0.3
0.05 0.15
0.10 0.25
0.15 0.30
1.1
1.2
1.1
1.3
1.2 1.25
DJ867
19.95
NM-BF-3
N-Male
BNC-Fem
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ866
19.95
NM-BF-6
N-Male
BNC-Fem
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ866
19.95
NM-BF-10
N-Male
BNC-Fem
DC-2000
10±0.3
0.05 0.15
0.15 0.25
0.20 0.30
1.1
1.2
1.1
1.2
1.2 1.25
DJ866
19.95
NF-BF-3
N-Female
BNC-Fem
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ868
19.95
NF-BF-6
N-Female
BNC-Fem
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ868
19.95
NF-BF-10
N-Female
BNC-Fem
DC-2000
10±0.3
0.05 0.15
0.10 0.15
0.10 0.20
1.1
1.2
1.1
1.3
1.2 1.25
DJ868
19.95
L= DC-500 MHz M= DC-1000 MHz U= DC- f
U MHz


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn