Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV199STB6_R1_00001 Fiches technique(PDF) 3 Page - Pan Jit International Inc.

No de pièce BAV199STB6_R1_00001
Description  SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAV199STB6_R1_00001 Fiches technique(HTML) 3 Page - Pan Jit International Inc.

  BAV199STB6_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAV199STB6_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAV199STB6_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAV199STB6_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAV199STB6_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
May 30,2016-REV.01
BAV199STB6
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 4K per 7" plastic Reel


Numéro de pièce similaire - BAV199STB6_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAV199STB6 PANJIT-BAV199STB6 Datasheet
120Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
More results

Description similaire - BAV199STB6_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAV199S PANJIT-BAV199S Datasheet
123Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199S PANJIT-BAV199S_04 Datasheet
47Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199STB6 PANJIT-BAV199STB6 Datasheet
120Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAS116 PANJIT-BAS116_15 Datasheet
132Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W Datasheet
56Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116-AU PANJIT-BAS116-AU Datasheet
335Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116_07 Datasheet
142Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W_08 Datasheet
145Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW_16 Datasheet
167Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116 Datasheet
96Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com