Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB260 Fiches technique(PDF) 1 Page - Nanjing International Group Co

No de pièce SB260
Description  2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SB260 Fiches technique(HTML) 1 Page - Nanjing International Group Co

  SB260 Datasheet HTML 1Page - Nanjing International Group Co SB260 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0 A M P SC HO TTKY BA RRIER REC TIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
A
A
V
mA
mA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.34 grams
S
B220
S
B2200
THRU
VOLTAGE RANGE
20 to 200 Volts
CURRENT
2.0 Ampere
Typical Thermal Resistance R JA (Note 2)
θ
2.0
50
0.5
20
35
-65
+150
-65
+150
0.55
0.70
170
SB220 SB240 SB260 SB280 SB2100 SB2150 SB2200 UNITS
20
40
60
80
100
150
200
V
20
40
60
80
100
150
200
V
14
28
42
56
70
105
140
V
V
0.85
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
*BothnormalandPbfree productareavailable:
*Normal:80~95%Sn,5~20%Pb
*Pbfree:99SnabovecanmeetRohsenviromentsubstance
directiverequest
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.031(.8)
.024(.6)
DIA.
.140(3.6)
.104(2.6)
DIA.
-65
+125


Numéro de pièce similaire - SB260

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB260 PANJIT-SB260 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
SAMYANG ELECTRONICS CO....
SB260 SAMYANG-SB260 Datasheet
474Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
SB260 DACHANG-SB260 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB260 PANJIT-SB260 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SB260 VISHAY-SB260 Datasheet
76Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
More results

Description similaire - SB260

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
SB220-2A-DO-15 DGNJDZ-SB220-2A-DO-15 Datasheet
230Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR220-2A-DO-15 DGNJDZ-SR220-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR280-2A-DO-15 DGNJDZ-SR280-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SB240-2A-DO-15 DGNJDZ-SB240-2A-DO-15 Datasheet
230Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR2200-2A-DO-15 DGNJDZ-SR2200-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR2150-2A-DO-15 DGNJDZ-SR2150-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SB2100-2A-DO-15 DGNJDZ-SB2100-2A-DO-15 Datasheet
230Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR2100-2A-DO-15 DGNJDZ-SR2100-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR260-2A-DO-15 DGNJDZ-SR260-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR240.2A-DO-15 DGNJDZ-SR240.2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com