Moteur de recherche de fiches techniques de composants électroniques |
|
SB160 Fiches technique(PDF) 1 Page - Nanjing International Group Co |
|
SB160 Fiches technique(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page 1.0 AMP SCHOTTKY BARRIER RECTIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) A A V uA mA pF NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.34 grams S B120 S B1200 THRU VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere Typical Thermal Resistance R JA (Note 2) θ 1.0 30 500 10 50 -65 +125 -65 +150 -65 +150 0.55 110 DO-41 Dimensions in inches and (millimeters) 1.0(25.4) MIN. 1.0(25.4) MIN. .205(5.2) .166(4.2) .03 1(.8) .02 4(.6) DIA. .107(2.7) .080(2.0) DIA. S B120 SB140 SB160 SB180 SB1100 SB1150 SB1200 UNITS 20 40 60 80 100 150 200 V 20 40 60 80 100 150 200 V 14 28 42 56 70 105 140 V 0.70 0.85 Operating Storage Temperature Range TSTG Temperature Range TJ C C C/W * Both normal and Pb free product are available: * Normal:80~95%Sn,5~20%Pb * Pb free:99 Sn above can meet Rohs enviroment substance directive request |
Numéro de pièce similaire - SB160 |
|
Description similaire - SB160 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |