Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV16W Fiches technique(PDF) 4 Page - Pan Jit International Inc.

No de pièce BAV16W
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAV16W Fiches technique(HTML) 4 Page - Pan Jit International Inc.

  BAV16W_15 Datasheet HTML 1Page - Pan Jit International Inc. BAV16W_15 Datasheet HTML 2Page - Pan Jit International Inc. BAV16W_15 Datasheet HTML 3Page - Pan Jit International Inc. BAV16W_15 Datasheet HTML 4Page - Pan Jit International Inc. BAV16W_15 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PBAV16W
REV.0.1-FEB.11.2009
Page 4
Part No_packing code_Version
BAV16W_R1_00001
BAV16W_R2_00001
For example :
RB500V-40_R2_00001
˙Serial number
˙
˙Version code means HF
Part No.
˙Packing size code means 13"
˙Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1
st
Code
Packing size code
2
nd
Code
HF or
RoHS
1
st
Code
2
nd~5th
Code
Tape and Ammunition
Box (T/B)
A
N/A
0
HF
0
serial
number
Tape and Reel (T/R)
R
7"
1
RoHS
1
serial
number
Bulk Packing (B/P)
B
13"
2
Tube Packing (T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B
CATHODE UP (PBCU)
U
FORMING
F
PANASERT T/B
CATHODE DOWN (PBCD)
D


Numéro de pièce similaire - BAV16W_15

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN YONGERJIA INDU...
BAV16W WINNERJOIN-BAV16W_15 Datasheet
164Kb / 2P
   SOD-123
logo
Diodes Incorporated
BAV16W DIODES-BAV16W_15 Datasheet
331Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Description similaire - BAV16W_15

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com