Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD101CW Fiches technique(PDF) 2 Page - Shunye Enterprise

No de pièce SD101CW
Description  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHUNYE [Shunye Enterprise]
Site Internet  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

SD101CW Fiches technique(HTML) 2 Page - Shunye Enterprise

  SD101CW Datasheet HTML 1Page - Shunye Enterprise SD101CW Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SD101AW-SD101CW
0
0.2
0.4
0.6
0.8
1.0
VF FORWARD VOLTAGE(V)
FIG. 2-TYPICAL FORWARD CHARACTERISTIC
FIG. 1- POWER DERATING CURVE
10
1.0
0.1
0.01
0
10
20
30
40
50
60
10
1
0.1
0.01
0.001
0.0001
TA,AMBIENT TEMPERATURE(
C)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
VR REVERSE VOLTAGE.(V)
FIG.3- TYPICAL TOTAL CAPACITANCE
VS REVERSE VOLTAGE
VR REVERSE VOLTAGE.(V)
500
400
300
200
100
0
0
25
50
75
100
125
150
See Note1
A
B
C
2
1
0
0
10
20
30
40
50
C
B
A
TA=125
C
TA=75
C
TA=25
C
TA=0
C
TA=-65
C
Tj=25
C
f=1MHz
www.shunyegroup.com.cn


Numéro de pièce similaire - SD101CW

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
SD101CW DIOTEC-SD101CW Datasheet
132Kb / 2P
   SMD Schottky Barrier Diodes
logo
Diodes Incorporated
SD101CW DIODES-SD101CW Datasheet
70Kb / 2P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Weitron Technology
SD101CW WEITRON-SD101CW Datasheet
280Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SD101CW SECOS-SD101CW Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
logo
Microdiode Electronics ...
SD101CW CHENDA-SD101CW Datasheet
322Kb / 3P
   Schottky Barrier Diode
More results

Description similaire - SD101CW

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com