Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME8501BEEVBD20 Fiches technique(PDF) 11 Page - Analog Microelectronics

No de pièce AME8501BEEVBD20
Description  UProcessor Supervisory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8501BEEVBD20 Fiches technique(HTML) 11 Page - Analog Microelectronics

Back Button AME8501BEEVBD20 Datasheet HTML 6Page - Analog Microelectronics AME8501BEEVBD20 Datasheet HTML 7Page - Analog Microelectronics AME8501BEEVBD20 Datasheet HTML 8Page - Analog Microelectronics AME8501BEEVBD20 Datasheet HTML 9Page - Analog Microelectronics AME8501BEEVBD20 Datasheet HTML 10Page - Analog Microelectronics AME8501BEEVBD20 Datasheet HTML 11Page - Analog Microelectronics AME8501BEEVBD20 Datasheet HTML 12Page - Analog Microelectronics AME8501BEEVBD20 Datasheet HTML 13Page - Analog Microelectronics AME8501BEEVBD20 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AME, Inc.
11
AME8500 / 8501
µµµµµProcessor Supervisory
I
DD vs. VDD
Threshold Hysteresis vs. Temperature
T
D1 Delay vs. Temperature
I
DD vs. Temperature
Reset V
TH vs. Temperature
Reset VOL vs. Temperature
Temperature (oC)
2.10
2.15
2.20
2.25
2.30
2.35
-45
-5
25
55
85
115
AME8500AEETAF26
2.630
2.632
2.634
2.636
2.638
2.640
2.642
2.644
2.646
2.648
2.650
-45
-5
25
55
85
115
Temperature (oC)
AME8500AEETAF26
V
DD (V)
0
0.4
0.8
1.2
1.6
2
01
2
3
45
85OC
-40OC
0OC
Temperature (oC)
37
38
39
40
41
42
43
-40
-20
0
20
40
60
80
100
Temperature (oC)
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20406080
100
0.220
0.225
0.230
0.235
0.240
0.245
0.250
0.255
0.260
0.265
-45
-5
25
55
85
115
Temperature (oC)
AME8500AEETAF26


Numéro de pièce similaire - AME8501BEEVBD20

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME8501BEET AME-AME8501BEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
More results

Description similaire - AME8501BEEVBD20

FabricantNo de pièceFiches techniqueDescription
logo
GTM CORPORATION
GN809 GTM-GN809 Datasheet
370Kb / 4P
   UPROCESSOR SUPERVISORY
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
Analog Microelectronics
AME8570 AME-AME8570 Datasheet
196Kb / 17P
   mProcessor Supervisory
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com