Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK0615 Datasheet(Fiches technique) 1 Page - Panasonic Semiconductor

Numéro de pièce 2SK0615
Description  Silicon N-Channel MOS FET
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK0615 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SK0615 Datasheet HTML 1Page - Panasonic Semiconductor 2SK0615 Datenblatt HTML 2Page - Panasonic Semiconductor 2SK0615 Datenblatt HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Silicon MOS FETs (Small Signal)
Unit: mm
2SK0615 (2SK615)
Silicon N-Channel MOS FET
For switching
I Features
G Low ON-resistance
G High-speed switching
G Allowing to be driven directly by CMOS and TTL
G M type package, allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
I Absolute Maximum Ratings (Ta = 25°C)
Parameter
Drain to Source voltage
Gate to Source voltage
Drain current
Max drain current
Allowable power dissipation
Channel temperature
Storage temperature
Symbol
VDS
VGSO
ID
IDP
PD*
Tch
Tstg
Ratings
80
20
±0.5
±1
1
150
−55 to +150
Unit
V
V
A
A
W
°C
°C
I Electrical Characteristics (Ta = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Drain to Source breakdown voltage
Gate threshold voltage
Drain to Source ON-resistance
Forward transfer admittance
Input capacitance (Common Source)
Output capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Turn-on time
Turn-off time
Symbol
IDSS
IGSS
VDSS
Vth
RDS(on)*
1
| Yfs |
Ciss
Coss
Crss
ton*
1, 2
toff*
1, 2
Conditions
VDS = 60V, VGS = 0
VGS = 20V, VDS = 0
IDS = 100µA, VGS = 0
ID = 1mA, VDS = VGS
ID = 0.5A, VGS = 10V
ID = 0.2A, VDS = 15V, f = 1kHz
VDS = 10V, VGS = 0, f = 1MHz
*1 Pulse measurement
*2 t
on, toff measurement circuit
min
80
1.5
typ
2
300
45
30
8
15
20
Unit
µA
µA
V
V
mS
pF
pF
pF
ns
ns
max
10
0.1
3.5
4
Vin = 10V
t = 1
µS
f = 1MHZ
50
68
ton
toff
Vin
10%
90%
10%
90%
Vout
Vin
Vout
VDD = 30V
Vout
1: Source
2: Drain
3: Gate
EIAJ: SC-71
M-A1 Package
6.9±0.1
2.5±0.1
(1.0)
(1.5)
(0.85)
0.45±0.05
0.55±0.1
(2.5)
(2.5)
23
1
R 0.7
R 0.9
(1.5)
* PC board: Copper foil of the drain portion should have a area of 1cm2 or
more and the board thickness should be 1.7mm.
Note) The part number in the parenthesis shows conventional part number.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn