Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29SL800DB-100EI Fiches technique(PDF) 8 Page - Advanced Micro Devices

No de pièce AM29SL800DB-100EI
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB-100EI Fiches technique(HTML) 8 Page - Advanced Micro Devices

Back Button AM29SL800DB-100EI Datasheet HTML 4Page - Advanced Micro Devices AM29SL800DB-100EI Datasheet HTML 5Page - Advanced Micro Devices AM29SL800DB-100EI Datasheet HTML 6Page - Advanced Micro Devices AM29SL800DB-100EI Datasheet HTML 7Page - Advanced Micro Devices AM29SL800DB-100EI Datasheet HTML 8Page - Advanced Micro Devices AM29SL800DB-100EI Datasheet HTML 9Page - Advanced Micro Devices AM29SL800DB-100EI Datasheet HTML 10Page - Advanced Micro Devices AM29SL800DB-100EI Datasheet HTML 11Page - Advanced Micro Devices AM29SL800DB-100EI Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
ADV ANCE
I N FO RMAT I O N
March 17, 2003
Am29SL800D
7
PIN CONFIGURATION
A0–A18
=
19 addresses
DQ0–DQ14 =
15 data inputs/outputs
DQ15/A-1
=
DQ15 (data input/output, word mode),
A-1 (LSB address input, byte mode)
BYTE#
=
Selects 8-bit or 16-bit mode
CE#
=
Chip enable
OE#
=
Output enable
WE#
=
Write enable
RESET#
=
Hardware reset pin, active low
RY/BY#
=
Ready/Busy# output
VCC
=
1.65–2.2 V single power supply
VSS
=
Device ground
NC
=
Pin not connected internally
LOGIC SYMBOL
19
16 or 8
DQ0–DQ15
(A-1)
A0–A18
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#


Numéro de pièce similaire - AM29SL800DB-100EI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29SL800DB100EC AMD-AM29SL800DB100EC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800DB100ED AMD-AM29SL800DB100ED Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800DB100EF AMD-AM29SL800DB100EF Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800DB100EI AMD-AM29SL800DB100EI Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800DB100WAC AMD-AM29SL800DB100WAC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
More results

Description similaire - AM29SL800DB-100EI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29SL800D AMD-AM29SL800D_07 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800B AMD-AM29SL800B Datasheet
543Kb / 41P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800C AMD-AM29SL800C Datasheet
549Kb / 41P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400D SPANSION-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL400C AMD-AM29SL400C Datasheet
846Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL400D AMD-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400C SPANSION-AM29SL400C Datasheet
945Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL160C AMD-AM29SL160C_07 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com