Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCET1202 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce TCET1202
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1202 Fiches technique(HTML) 5 Page - Vishay Siliconix

  TCET1202 Datasheet HTML 1Page - Vishay Siliconix TCET1202 Datasheet HTML 2Page - Vishay Siliconix TCET1202 Datasheet HTML 3Page - Vishay Siliconix TCET1202 Datasheet HTML 4Page - Vishay Siliconix TCET1202 Datasheet HTML 5Page - Vishay Siliconix TCET1202 Datasheet HTML 6Page - Vishay Siliconix TCET1202 Datasheet HTML 7Page - Vishay Siliconix TCET1202 Datasheet HTML 8Page - Vishay Siliconix TCET1202 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TCET120.(G) up to TCET2200
Vishay Semiconductors
www.vishay.com
Document Number 83501
Rev. A2, 08–Feb–01
5 (12)
Maximum Safety Ratings (according to VDE 0884) see figure 1
This device is used for protective separation against electrical shock only within the maximum safety ratings.
This must be ensured by using protective circuits in the applications.
Input (Emitter)
Parameters
Test Conditions
Symbol
Value
Unit
Forward current
Isi
130
mA
Output (Detector)
Parameters
Test Conditions
Symbol
Value
Unit
Power dissipation
Tamb ≤ 25°C
Psi
265
mW
Coupler
Parameters
Test Conditions
Symbol
Value
Unit
Rated impulse voltage
VIOTM
8
kV
Safety temperature
Tsi
150
°C
Insulation Rated Parameters (according to VDE 0884)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Partial discharge test voltage –
Routine test
100%, ttest = 1 s
Vpd
1.6
kV
Partial dischar e test volta e –
tTr = 60 s, ttest = 10 s,
VIOTM
8
kV
gg
Lot test (sample test)
Tr
test
(see figure 2)
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
W
VIO = 500 V,
Tamb = 100°C
RIO
1011
W
VIO = 500 V,
Tamb = 150°C
(construction test only)
RIO
109
W
0
25
50
75
125
0
50
100
150
200
300
Tsi – Safety Temperature ( °C )
150
94 9182
100
250
Phototransistor
Psi ( mW )
IR-Diode
Isi ( mA )
Figure 1. Derating diagram
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2
Figure 2. Test pulse diagram for sample test according to
DIN VDE 0884


Numéro de pièce similaire - TCET1202

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCET1202 VISHAY-TCET1202 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
TCET1202 VISHAY-TCET1202 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
TCET1202 VISHAY-TCET1202 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
TCET1202G VISHAY-TCET1202G Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
More results

Description similaire - TCET1202

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com