Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P-MDB-A26PE-860 Fiches technique(PDF) 1 Page - Amphenol Corporation

No de pièce P-MDB-A26PE-860
Description  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MDB-A26PE-860 Fiches technique(HTML) 1 Page - Amphenol Corporation

  P-MDB-A26PE-860 Datasheet HTML 1Page - Amphenol Corporation P-MDB-A26PE-860 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
1:0.333333
1 OF 2
D
C
B
A
A
B
C
D
REF.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
MATERIAL AND FINISH
1
2
3
4
5
6
7
8
8
76
54
32
1
E
F
E
F
2006/07/24
2006/07/24
S.SEMENOV
P-MDB-A26PE-860
-
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
G
DO NOT SCALE DRAWING
IE APP'D
Amphenol Canada Corp.
CODE IDENT. NO.
TAIL, RoHS COMPLIANT
MDB-A26
Y.KUZYK
.X
TITLE
2006/07/24
DWG APP'D
.25
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETER
TOLERANCES ARE:
DECIMALS
ANGLES
.XX
.10
1
MDB SERIES RUGGED D-SUB
CONNECTOR, 26 SIZE HIGH
DENSITY PIN, VERTICAL PCB
REV - DESCRIPT - DATE - APPRVD
O-RING
2.0MM X I.D. 32MM
METAL DIE CAST
OUTER SHELL
TWO STAGE POTTING
C - UPDATED MATERIALS - 2006/08/18 - YK.
AMPHENOL PART NUMBER: MDB-A26PE-860
F - TIGHTENING TORQUE ADDED - OCT23,07 - A.G.
E - O RING SIZE CHNAGED - SEPT28,07 - A.G.
B - CHG SOLDER TAILS - 2006/07/18 - YK.
- BRASS SCREW: 3.1 TO 4.5 IN-LBS.
A - UPDATED NOTES - 2006/06/16 - YK.
D-STAKING ADDED: NOT APPROVED BY CUSTOMER-JUNE28,07-A.G.
NOTES:
1. MATERIAL:
- SHELL: ZINC ALLOY 50 MICRO INCH MINIMUM NICKEL PLATING.
- CONTACTS: COPPER ALLOY 30 MICRO INCH GOLD OVER 50 MICRO INCH NICKEL PLATING.
- INSULATOR: THERMOPLASTIC POLYESTER RESIN (DSM) 94V-0 FLAMMABILITY RATING.
- GASKETS: SILICONE RUBBER S7001R, 70 DUROMETER.
- SEALING COMPOUND: STYCAST 2651 WITH CATALYST 11
2. FEATURES: SEALED CONNECTOR IN THE MATED AND UNMATED CONDITIONS.
3. OPERATING TEMPERATURE: -40 C TO +105 C.
4. ENVIRONMENT PERFORMANCE: IP67.
5. PART IS RoHS COMPLIANT.
6. REAR SEAL TO WITHSTAND TEMPERATURE EXPOSURE OF SOLDER BATH 265 C FOR 8 SEC &
SOLDER PREHEAT 150 C FOR 180 SEC.
7. SEALED TO WITHSTAND PRESSURE UP TO 5 PSI AFTER HIGH TEMPERATURE EXPOSURE.
8. RECOMMENDED TORQUE FOR SCREW TIGHTENING:
- STEEL SCREW WITH MORE THAN .090" OF THREAD ENGAGEMENT: 4.0 TO 5.75 IN-LBS.
G - REV TOLERANCE, EAR 13547 - JUN11/09 - K.L.
7.5
9.9
17.0
REF.
MAX
±0.30
.667
.390 MAX
.297±.012
.438
REF.
11.1
.229
5.8
±.004
+
-
0.10
+
0.05
-
0.5
.004
.335
8.5
.002
±0.10
.020
.142
-.000
+.004
3.6
0.00
+0.10
4-40 UNC
2 PLCS
SILICONE
SEALING GASKET
1.878
47.7
0.15
+
1.311
-.004
+.006
33.3
-0.10
.831
21.1
A
±.012
±0.30
.100
2.5
.024±.004
0.6±0.10
MAX
1.050
REF
MAX
26.7
±.010
8.2
.323
5.0±0.25
.197
.339±.005
8.6±0.13
DETAIL A
SCALE 8 : 1
.040
1.0


Numéro de pièce similaire - P-MDB-A26PE-860

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
P-MDB-227-093-205BP AMPHENOL-P-MDB-227-093-205BP Datasheet
77Kb / 1P
   PART IS UL94V-0 FLAMMABILITY COMPLIANT
P-MDB-E09PE-76X AMPHENOL-P-MDB-E09PE-76X Datasheet
83Kb / 2P
   FEATURES: SEALED CONNECTOR IN THE MATED AND UNMATED CONDITIONS
P-MDB-E09PE-860 AMPHENOL-P-MDB-E09PE-860 Datasheet
152Kb / 2P
   FEATURES: SEALED CONNECTOR IN THE MATED AND UNMATED CONDITIONS
P-MDB-E09SA-700 AMPHENOL-P-MDB-E09SA-700 Datasheet
81Kb / 1P
   HOUSING: HIGH STRENGTH THERMOPLASTIC
P-MDB-E09SE-76X AMPHENOL-P-MDB-E09SE-76X Datasheet
75Kb / 2P
   CONNECTOR IS ROHS COMPLIANT PER EU DIRECTIVE 2002
More results

Description similaire - P-MDB-A26PE-860

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com