Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P-LCC17A3W3XE-XN0 Fiches technique(PDF) 2 Page - Amphenol Corporation

No de pièce P-LCC17A3W3XE-XN0
Description  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-LCC17A3W3XE-XN0 Fiches technique(HTML) 2 Page - Amphenol Corporation

  P-LCC17A3W3XE-XN0 Datasheet HTML 1Page - Amphenol Corporation P-LCC17A3W3XE-XN0 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
#4-40 UNC
THREAD
#4-40 UNC
THREAD
JUL22/13
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
ADD UL FILE NO
B
RoHS COMPLIANT
2
B
SCALE:
REV
DWG.
NO.
6
OF
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-LCC17-A3W3XE-XN0
S.CAELERS
A
PROPOSAL DRAWING
NOV18/11
A.G
DWG SIZE:
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
2
DRAWING
A.GREEN
NOV16/11
NOV18/11
03554
3:1
X
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
ANGLE
THIRD
SHEET
3 DECIMAL PLACES
2 DECIMAL PLACES
ANGULAR DEGREES
GENERAL TOLERANCES
1 DECIMAL PLACE
LCC17 COOLPOWER D-SUB
CONNECTOR, 3W3 ARRANGEMENT,
3.75mm [.148"] VERTICAL PCB TAIL,
S.M.
MOUNTING CODE A
MOUNTING CODE 2
MOUNTING CODE 4
MOUNTING OPTIONS AVAILABLE FOR
PIN OR SOCKET CONNECTOR
3.10
.122
THROUGH HOLE
THREADED STANDOFF
WITH BOARDLOCK
4.75
.187
.276
7.01
3.05
.120
RIVETED SHELL
THREADED
RIVET
5.56
.219
4.01
.158


Numéro de pièce similaire - P-LCC17A3W3XE-XN0

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
P-LCC17A3W3XA-XN0 AMPHENOL-P-LCC17A3W3XA-XN0 Datasheet
64Kb / 1P
   d-sub technical data
More results

Description similaire - P-LCC17A3W3XE-XN0

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com