Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS73701DCQRG4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS73701DCQRG4
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73701DCQRG4 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS73701DCQRG4 Datasheet HTML 1Page - Texas Instruments TPS73701DCQRG4 Datasheet HTML 2Page - Texas Instruments TPS73701DCQRG4 Datasheet HTML 3Page - Texas Instruments TPS73701DCQRG4 Datasheet HTML 4Page - Texas Instruments TPS73701DCQRG4 Datasheet HTML 5Page - Texas Instruments TPS73701DCQRG4 Datasheet HTML 6Page - Texas Instruments TPS73701DCQRG4 Datasheet HTML 7Page - Texas Instruments TPS73701DCQRG4 Datasheet HTML 8Page - Texas Instruments TPS73701DCQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS737xx
SBVS067C – JANUARY 2006 – REVISED AUGUST 2006
Over operating temperature range (T
J = –40°C to +125°C), VIN = VOUT(nom) + 1.0V
(1), I
OUT = 10mA, VEN = 2.2V, and
C
OUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)(2)
2.2
5.5
V
VFB
Internal reference (TPS73701)
TJ = +25°C
1.198
1.20
1.210
V
Output voltage range
VFB
5.5 – VDO
V
(TPS73701)
VOUT
Nominal
TJ = +25°C
–1.0
+1.0
Accuracy(1)(3)
%
over VIN, IOUT,
VOUT + 0.5V ≤ VIN ≤ 5.5V;
–3.0
±0.5
+3.0
and T
10mA
≤ I
OUT ≤ 1A
∆V
OUT%/∆VIN
Line regulation(1)
VOUT(nom) + 0.5V ≤ VIN ≤ 5.5V
0.01
%/V
1mA
≤ I
OUT ≤ 1A
0.002
∆V
OUT%/∆IOUT
Load regulation
%/mA
10mA
≤ I
OUT ≤ 1A
0.0005
Dropout voltage(4)
VDO
IOUT = 1A
130
500
mV
(VIN = VOUT(nom) – 0.1V)
ZO(DO)
Output impedance in dropout
2.2V
≤ V
IN ≤ VOUT + VDO
0.25
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
1.05
1.6
2.2
A
ISC
Short-circuit current
VOUT = 0V
450
mA
IREV
Reverse leakage current(5) (–IIN)
VEN ≤ 0.5V, 0V ≤ VIN ≤ VOUT
0.1
µA
IOUT = 10mA (IQ)
400
IGND
Ground pin current
µA
IOUT = 1A
800
ISHDN
Shutdown current (IGND)
VEN ≤ 0.5V, VOUT ≤ VIN ≤ 5.5
20
nA
IFB
FB pin current (TPS73701)
0.1
0.6
µA
f = 100Hz, IOUT = 1A,
58
VIN = VOUT + 1V
Power-supply rejection ratio
PSRR
dB
(ripple rejection)
f = 10kHz, IOUT = 1A,
37
VIN = VOUT + 1V
Output noise voltage
VN
COUT = 10µF
27
× V
OUT
µV
RMS
BW = 10Hz – 100KHz
tSTR
Startup time
VOUT = 3V, RL = 30Ω, COUT = 1µF
600
µs
VEN(HI)
Enable high (enabled)
1.7
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.5
V
IEN(HI)
Enable pin current (enabled)
VEN = 5.5V
20
nA
Shutdown, temperature increasing
+160
TSD
Thermal shutdown temperature
°C
Reset, temperature decreasing
+140
TJ
Operating junction temperature
–40
+125
°C
(1)
Minimum VIN = VOUT + VDO or 2.2V, whichever is greater.
(2)
For VOUT(nom) < 1.6V, when VIN ≤ 1.6V, the output will lock to VIN and may result in an over-voltage condition on the output. To avoid this
situation, disable the device before powering down VIN.
(3)
Tolerance of external resistors not included in this specification.
(4)
VDO is not measured for fixed output versions with VOUT(nom) < 2.3V since minimum VIN = 2.2V.
(5)
Refer to the Applications section for more information.
3
Submit Documentation Feedback


Numéro de pièce similaire - TPS73701DCQRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73701DCQRG4 TI-TPS73701DCQRG4 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQRG4 TI-TPS73701DCQRG4 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQRG4 TI-TPS73701DCQRG4 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQRG4 TI1-TPS73701DCQRG4 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQRG4 TI1-TPS73701DCQRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
More results

Description similaire - TPS73701DCQRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com