Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS73701DCQ Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS73701DCQ
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73701DCQ Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS73701DCQ Datasheet HTML 6Page - Texas Instruments TPS73701DCQ Datasheet HTML 7Page - Texas Instruments TPS73701DCQ Datasheet HTML 8Page - Texas Instruments TPS73701DCQ Datasheet HTML 9Page - Texas Instruments TPS73701DCQ Datasheet HTML 10Page - Texas Instruments TPS73701DCQ Datasheet HTML 11Page - Texas Instruments TPS73701DCQ Datasheet HTML 12Page - Texas Instruments TPS73701DCQ Datasheet HTML 13Page - Texas Instruments TPS73701DCQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
INPUT AND OUTPUT CAPACITOR
TPS737xx
GND
EN
IN
OUT
V
IN
V
OUT
OUTPUT NOISE
TPS737xx
GND
EN
FB
IN
OUT
V
IN
V
OUT
V
=
OUT
´ 1.204
(R +R )
1
2
R
1
R
1
C
FB
R
2
V
N
+ 32mVRMS
(R
1
) R2)
R
2
+ 32mVRMS
V
OUT
V
REF
(1)
V
N mVRMS
+ 27
mVRMS
V
V
OUT (V)
(2)
TPS737xx
SBVS067C – JANUARY 2006 – REVISED AUGUST 2006
The TPS737xx belongs to a family of new generation
LDO regulators that use an NMOS pass transistor to
REQUIREMENTS
achieve
ultra-low-dropout
performance,
reverse
current blockage, and freedom from output capacitor
Although an input capacitor is not required for
constraints. These features combined with an enable
stability, it is good analog design practice to connect
input
make
the
TPS737xx
ideal
for
portable
a 0.1
µF to 1µF low equivalent series resistance
applications. This regulator family offers a wide
(ESR) capacitor across the input supply near the
selection of fixed output voltage versions and an
regulator. This capacitor counteracts reactive input
adjustable output version. All versions have thermal
sources and improves transient response, noise
and
over-current
protection,
including
foldback
rejection,
and
ripple
rejection.
A
higher-value
current limit.
capacitor may be necessary if large, fast rise-time
load transients are anticipated or the device is
Figure 25 shows the basic circuit connections for the
located several inches from the power source.
fixed
voltage
models.
Figure
26
gives
the
connections
for
the
adjustable
output
version
The TPS737xx requires a 1.0µF output capacitor for
(TPS73701).
stability. It is designed to be stable for all available
types and values of capacitors. In applications where
VIN – VOUT < 0.5V and multiple low ESR capacitors
are in parallel, ringing may occur when the product of
COUT and total ESR drops below 50nΩF. Total ESR
includes all parasitic resistances, including capacitor
ESR and board, socket, and solder joint resistance.
In most applications, the sum of capacitor ESR and
trace resistance will meet this requirement.
Figure 25. Typical Application Circuit for
Fixed-Voltage Versions
A precision bandgap reference is used to generate
the internal reference voltage, VREF. This reference is
the dominant noise source within the TPS737xx and
it
generates
approximately
32
µV
RMS
(10Hz
to
100kHz) at its output. The regulator control loop
gains up the reference noise with the same gain as
the reference voltage, so that the noise voltage of
the regulator is approximately given by:
Figure 26. Typical Application Circuit for
Adjustable-Voltage Versions
Since the value of VREF is 1.2V, this relationship
reduces to:
R1 and R2 can be calculated for any output voltage
using the formula shown in Figure 26. Sample
resistor values for common output voltages are
shown in Figure 2.
Connecting a feedback capacitor, CFB, from the
For best accuracy, make the parallel combination of
output to the FB pin reduces output noise and
R1 and R2 approximately equal to 19kΩ. This 19kΩ,
improve load transient performance. This capacitor
in addition to the internal 8k
Ω resistor, presents the
should be limited to 0.1µF.
same impedance to the error amp as the 27k
bandgap reference output. This impedance helps
The TPS737xx uses an internal charge pump to
compensate
for
leakages
into
the
error
amp
develop an internal supply voltage sufficient to drive
terminals.
the gate of the NMOS pass element above VOUT.
The charge pump generates ~250
µV of switching
noise
at
~2MHz;
however,
charge-pump
noise
contribution is negligible at the output of the regulator
for most values of IOUT and COUT.
10
Submit Documentation Feedback


Numéro de pièce similaire - TPS73701DCQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73701DCQ TI-TPS73701DCQ Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI1-TPS73701DCQ Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI1-TPS73701DCQ Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
More results

Description similaire - TPS73701DCQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com