Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS73701DCQ Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS73701DCQ
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73701DCQ Fiches technique(HTML) 5 Page - Texas Instruments

  TPS73701DCQ Datasheet HTML 1Page - Texas Instruments TPS73701DCQ Datasheet HTML 2Page - Texas Instruments TPS73701DCQ Datasheet HTML 3Page - Texas Instruments TPS73701DCQ Datasheet HTML 4Page - Texas Instruments TPS73701DCQ Datasheet HTML 5Page - Texas Instruments TPS73701DCQ Datasheet HTML 6Page - Texas Instruments TPS73701DCQ Datasheet HTML 7Page - Texas Instruments TPS73701DCQ Datasheet HTML 8Page - Texas Instruments TPS73701DCQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
PIN ASSIGNMENTS
DCQPACKAGE
SOT223
(TOPVIEW)
1
2
3
4
5
IN
OUT
GND
FB/NC
EN
TABISGND
TPS737xx
SBVS067C – JANUARY 2006 – REVISED AUGUST 2006
Table 1. Terminal Functions
SOT223
(DCQ)
NAME
PIN NO.
DESCRIPTION
IN
1
Unregulated input supply
GND
3, TAB
Ground
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into shutdown
EN
5
mode. Refer to the Shutdown section under Applications Information for more details. EN can be connected to
IN if not used.
Adjustable voltage version only—this is the input to the control loop error amplifier, and is used to set the
FB
4
output voltage of the device.
OUT
2
Regulator output. A 1.0
µF or larger capacitor of any type is required for stability.
NC
Not connected
5
Submit Documentation Feedback


Numéro de pièce similaire - TPS73701DCQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73701DCQ TI-TPS73701DCQ Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI1-TPS73701DCQ Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI1-TPS73701DCQ Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
More results

Description similaire - TPS73701DCQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com