Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS16VTB6_R2_00001 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce BAS16VTB6_R2_00001
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS16VTB6_R2_00001 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  BAS16VTB6_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAS16VTB6_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAS16VTB6_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAS16VTB6_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAS16VTB6_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 30,2016-REV.01
BAS16VTB6
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volt
200mWatt
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
• High Conductance
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-563, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx Weight : 0.0001 ounces, 0.0026 grams.
• Marking : TP
POWER
MAXIMUM RATINGS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
T
I
M
I
LS
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
RV
R
5
7V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
PV
M
R
0
0
1V
h
ti
W
n
o
it
a
c
if
it
c
e
R
e
v
a
W
fl
a
H
,
)
e
g
a
r
e
v
A
(
t
n
e
r
r
u
C
d
e
if
it
c
e
R
f
d
n
a
d
a
o
L
e
v
it
s
i
s
e
R>
z
H
0
5
I
O
0
5
1A
m
s
m
1
0
0
.
0
,t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
PI
M
S
F
4A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
O
CP
T
O
T
0
0
2W
m
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
m
u
m
i
x
a
MC
J
5
.
1F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
MT
R
R
4s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
MR
θ A
J
5
2
6
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
+
o
t
5
5
-
O
C
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
T
I
M
I
LS
T
I
N
U
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV
F
A
m
1
@
5
1
7
.
0
A
m
0
1
@
5
5
8
.
0
A
m
0
5
@
1
A
m
0
5
1
@
5
2
.
1
V
V
5
2
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
V
5
7
I
R
3
0
.
0
5
.
2
μA


Numéro de pièce similaire - BAS16VTB6_R2_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAS16VTB6 PANJIT-BAS16VTB6 Datasheet
172Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results

Description similaire - BAS16VTB6_R2_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com