Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS16TW Fiches technique(PDF) 3 Page - Pan Jit International Inc.

No de pièce BAS16TW
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS16TW Fiches technique(HTML) 3 Page - Pan Jit International Inc.

  BAS16TW_16 Datasheet HTML 1Page - Pan Jit International Inc. BAS16TW_16 Datasheet HTML 2Page - Pan Jit International Inc. BAS16TW_16 Datasheet HTML 3Page - Pan Jit International Inc. BAS16TW_16 Datasheet HTML 4Page - Pan Jit International Inc. BAS16TW_16 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
BAS16TW/BAW56DW/BAV70DW/BAV99S
May 26,2016-REV.04
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 3K per 7" plastic Reel


Numéro de pièce similaire - BAS16TW_16

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAS16TW-13-F DIODES-BAS16TW-13-F Datasheet
213Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW_11 Datasheet
158Kb / 2P
   0.15A , 100V Surface Mount Switching Diode Array
logo
Micro Commercial Compon...
BAS16TW MCC-BAS16TW_13 Datasheet
209Kb / 2P
   200mW Switching Diode
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW_15 Datasheet
158Kb / 2P
   Surface Mount Switching Diode Array
More results

Description similaire - BAS16TW_16

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com