Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA14219 Fiches technique(PDF) 1 Page - Cree, Inc

No de pièce CA14219
Description  Strada series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CA14219 Fiches technique(HTML) 1 Page - Cree, Inc

  CA14219 Datasheet HTML 1Page - Cree, Inc CA14219 Datasheet HTML 2Page - Cree, Inc CA14219 Datasheet HTML 3Page - Cree, Inc CA14219 Datasheet HTML 4Page - Cree, Inc CA14219 Datasheet HTML 5Page - Cree, Inc CA14219 Datasheet HTML 6Page - Cree, Inc CA14219 Datasheet HTML 7Page - Cree, Inc CA14219 Datasheet HTML 8Page - Cree, Inc CA14219 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
PRODUCT DATASHEET
Strada series
last update 4/4/2017
DETAILS
Product Number
CA14219_STRADA-SQ-CY
Family
Strada
Type
Assembly
Color
clear
Diameter
25x25 mm
Height
10,1 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
tape, pin, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
4/04/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
PSL440
119+113 deg
Streetligh...
94 %
0.440
-
PSL445
112+112 deg
Streetligh...
94 %
0.370
-
XM-L
122+116 deg
Streetligh...
94 %
0.440
-
MK-R
118+115 deg
Streetligh...
94 %
0.370
-
XP-L
118+127 deg
Streetligh...
94 %
0.400
-
XHP50
122+118 deg
Streetligh...
94 %
0.410
-
XHP70
121+119 deg
Streetligh...
94 %
0.350
-
MHD-E/G
117+115 deg
Streetligh...
94 %
0.370
-
XP-L2
118+115 deg
Streetligh...
90 %
0.400
-
LUXEON M/MX
120+115 deg
Streetligh...
94 %
0.410
-
LUXEON MZ
127+118 deg
Streetligh...
94 %
0.340
-
LUXEON XR-M linear 1x3, 1x4, 1x5
118+115 deg
Streetligh...
94 %
0.430
-
Duris S10
116+113 deg
Streetligh...
93 %
0.400
-
Duris P10
sim: 115
Streetligh...
sim: 92 % sim: 0.460 -
June 14th 2017 5:55 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Numéro de pièce similaire - CA14219

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
CA14219 LEDIL-CA14219 Datasheet
2Mb / 8P
   Beam for canopy lighting with batwing light distribution
logo
Lumileds Lighting Compa...
CA14219_STRADA-SQ-CY LUMILEDS-CA14219_STRADA-SQ-CY Datasheet
1Mb / 19P
   PRODUCT DATASHEET Strada-SQ series
More results

Description similaire - CA14219

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
   Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
   Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
   Strada series
C13896 CREE-C13896 Datasheet
1Mb / 22P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com