Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IPM24S0C0S Fiches technique(PDF) 5 Page - Delta Electronics, Inc.

No de pièce IPM24S0C0S
Description  Output short circuit protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM24S0C0S Fiches technique(HTML) 5 Page - Delta Electronics, Inc.

  IPM24S0C0S Datasheet HTML 1Page - Delta Electronics, Inc. IPM24S0C0S Datasheet HTML 2Page - Delta Electronics, Inc. IPM24S0C0S Datasheet HTML 3Page - Delta Electronics, Inc. IPM24S0C0S Datasheet HTML 4Page - Delta Electronics, Inc. IPM24S0C0S Datasheet HTML 5Page - Delta Electronics, Inc. IPM24S0C0S Datasheet HTML 6Page - Delta Electronics, Inc. IPM24S0C0S Datasheet HTML 7Page - Delta Electronics, Inc. IPM24S0C0S Datasheet HTML 8Page - Delta Electronics, Inc. IPM24S0C0S Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS_IPM24S0C0_01092009
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 13: Typical transient response to step load change at
0
.5A/μS from 100% to 50% of Io, max at 24Vin,
15.0V out
(measurement with a 1uF ceramic
Figure 14: Typical transient response to step load change at
0.
5A/μS from 50% to 100% of Io, max at36Vin,
6.5V out
(measurement with a 1uF ceramic)


Numéro de pièce similaire - IPM24S0C0S

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
IPM24S0C0S DELTA-IPM24S0C0S Datasheet
734Kb / 14P
   Fixed frequency operation
IPM24S0C0S03FA DELTA-IPM24S0C0S03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0C0S03FA DELTA-IPM24S0C0S03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0C0S03FA DELTA-IPM24S0C0S03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
IPM24S0C0SR03FA DELTA-IPM24S0C0SR03FA Datasheet
488Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
More results

Description similaire - IPM24S0C0S

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
SynQor Worldwide Headqu...
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com