Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH82 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce TSH82
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH82 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button TSH82 Datasheet HTML 3Page - STMicroelectronics TSH82 Datasheet HTML 4Page - STMicroelectronics TSH82 Datasheet HTML 5Page - STMicroelectronics TSH82 Datasheet HTML 6Page - STMicroelectronics TSH82 Datasheet HTML 7Page - STMicroelectronics TSH82 Datasheet HTML 8Page - STMicroelectronics TSH82 Datasheet HTML 9Page - STMicroelectronics TSH82 Datasheet HTML 10Page - STMicroelectronics TSH82 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TSH80-TSH81-TSH82
Electrical Characteristics
7/23
PSR
Power Supply Rejection Ratio
(
δVCC/δVout)
Positive & Negative Rail
75
dB
Avd
Large Signal Voltage Gain
RL=150Ω to GND
Vout=-4 to +4
Tamb = 25°C
Tmin. < Tamb < Tmax.
75
70
86
dB
Io
Output Short Circuit Current
Source
Tamb=25°C
Vid=+1, Vout to 1.5V
Vid=-1, Vout to 1.5V
|Source|
Sink
Tmin. < Tamb < Tmax.
Vid=+1, Vout to 1.5V
Vid=-1, Vout to 1.5V
|Source|
Sink
35
30
28
28
55
55
mA
Voh
High Level Output Voltage
Tamb=25°C
RL = 150Ω to GND
RL = 600Ω to GND
RL = 2kΩ to GND
RL = 10kΩ to GND
Tmin. < Tamb < Tmax.
RL = 150Ω to GND
4.2
4.1
4.36
4.85
4.9
4.93
V
Vol
Low Level Output Voltage
Tamb=25°C
RL = 150Ω to GND
RL = 600Ω to GND
RL = 2kΩ to GND
RL = 10kΩ to GND
Tmin. < Tamb < Tmax.
RL = 150Ω to GND
-4.63
-4.86
-4.9
-4.93
-4.4
-4.3
mV
GBP
Gain Bandwidth Product
F=10MHz
AVCL=+11
AVCL=-10
65
55
MHz
Bw
Bandwidth @-3dB
AVCL=+1
RL=150Ω // 30pF to GND
100
MHz
SR
Slew Rate
AVCL=+2
RL=150Ω // CL to GND
CL = 5pF
CL = 30pF
68
117
118
V/
µs
φmPhase Margin
RL=150Ω to gnd
40
°
Table 4.
VCC
+ = +5V, V
CC
- = -5V, V
ic = GND, Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit


Numéro de pièce similaire - TSH82

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TSH82 STMICROELECTRONICS-TSH82 Datasheet
166Kb / 2P
   High-speed operational amplifier evaluation board kit
TSH82 STMICROELECTRONICS-TSH82 Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TSH82 STMICROELECTRONICS-TSH82 Datasheet
1Mb / 27P
   Wide band rail-to-rail operational amplifier with standby function
TSH82ID STMICROELECTRONICS-TSH82ID Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TSH82ID/DT STMICROELECTRONICS-TSH82ID/DT Datasheet
1Mb / 27P
   Wide band rail-to-rail operational amplifier with standby function
More results

Description similaire - TSH82

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TSH80 STMICROELECTRONICS-TSH80_09 Datasheet
1Mb / 27P
   Wide band rail-to-rail operational amplifier with standby function
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
April 1999
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
April 1999
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
TSH70 STMICROELECTRONICS-TSH70 Datasheet
1Mb / 25P
   WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
   Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
logo
ON Semiconductor
NCS2004 ONSEMI-NCS2004 Datasheet
942Kb / 13P
   Wide Supply Rail-to-Rail Output Operational Amplifier
October, 2015 ??Rev. 9
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com