Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS0805MRX7RCBN103 Fiches technique(PDF) 7 Page - YAGEO Corporation

No de pièce CS0805MRX7RCBN103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS0805MRX7RCBN103 Fiches technique(HTML) 7 Page - YAGEO Corporation

Back Button CS0805MRX7RCBN103 Datasheet HTML 3Page - YAGEO Corporation CS0805MRX7RCBN103 Datasheet HTML 4Page - YAGEO Corporation CS0805MRX7RCBN103 Datasheet HTML 5Page - YAGEO Corporation CS0805MRX7RCBN103 Datasheet HTML 6Page - YAGEO Corporation CS0805MRX7RCBN103 Datasheet HTML 7Page - YAGEO Corporation CS0805MRX7RCBN103 Datasheet HTML 8Page - YAGEO Corporation CS0805MRX7RCBN103 Datasheet HTML 9Page - YAGEO Corporation CS0805MRX7RCBN103 Datasheet HTML 10Page - YAGEO Corporation CS0805MRX7RCBN103 Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
Table 5 NPO / 1206 to 1210
CAPACITANCE RANGE & THICKNESS
CAP.
1206
1210
50V
100V
250V
500V
630V
1000V
2000V
50V
100V
250V
500V
630V
1000V
2000V
120 pF
FA
FA
FA
FA
FD
FD
FD
GC
GC
GC
GC
GC
GC
GC
150 pF
FA
FA
FA
FA
FD
FD
FD
GC
GC
GC
GC
GC
GC
GC
180 pF
FA
FA
FA
FA
FD
FD
FD
GC
GC
GC
GC
GC
GC
GC
220 pF
FA
FA
FA
FA
FD
FD
FD
GC
GC
GC
GC
GC
GC
GC
270 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
330 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
390 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
470 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
560 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
680 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
820 pF
FA
FA
FB
FB
FD
FD
GC
GC
GC
GC
GC
GC
1.0 nF
FA
FA
FB
FB
FD
FD
GC
GC
GC
GC
GC
GC
1.2 nF
FA
FA
FB
FB
FD
GC
GC
GC
GC
1.5 nF
FA
FA
FB
FB
FD
GC
GC
GC
GC
1.8 nF
FA
FA
FD
FD
GC
GC
GC
GC
2.2 nF
FA
FA
FD
FD
GC
GC
GC
GC
2.7 nF
FA
FA
FD
GC
GC
GC
GC
3.3 nF
FB
FB
FD
GC
GC
GC
GC
3.9 nF
FB
FB
FD
GC
GC
GC
GC
4.7 nF
FB
FB
GC
GC
GC
GC
5.6 nF
FB
FB
GC
GC
6.8 nF
FB
FB
GC
GC
8.2 nF
FD
FD
GC
GC
10 nF
FD
FD
GC
GC
Tape width
8 mm


Numéro de pièce similaire - CS0805MRX7RCBN103

FabricantNo de pièceFiches techniqueDescription
logo
PREMO CORPORATION S.L
CS0805F PREMO-CS0805F Datasheet
360Kb / 2P
   Ceramic Chip Inductor 0805 High Q (2.2nH-1000nH)
More results

Description similaire - CS0805MRX7RCBN103

FabricantNo de pièceFiches techniqueDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com