Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZSD12T1G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce SZSD12T1G
Description  Transient Voltage Suppressor Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZSD12T1G Fiches technique(HTML) 3 Page - ON Semiconductor

  SZSD12T1G Datasheet HTML 1Page - ON Semiconductor SZSD12T1G Datasheet HTML 2Page - ON Semiconductor SZSD12T1G Datasheet HTML 3Page - ON Semiconductor SZSD12T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SD05T1 Series, SZSD05T1 Series
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. SD05 Typical Capacitance versus Bias
Voltage
−55
85
1000
Figure 2. SD12 Typical Capacitance versus
Bias Voltage
TEMPERATURE (
°C)
125 145
100
10
0
1.5
3.5
5
280
220
180
160
120
100
BIAS (V)
200
140
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
0.5
2.5
4.5
65
45
25
5
−35
Figure 3. SD05 Typical Leakage Current
versus Temperature
−55
95
100
Figure 4. SD12 Typical Leakage Current
versus Temperature
TEMPERATURE (
°C)
120
145
10
1
0.1
04
8
12
140
120
80
60
20
0
BIAS (V)
100
40
26
10
70
45
20
−5
−30
240
260
12
3
4
− 15
105
Figure 5. Pulse Derating Curve
Figure 6. 8
× 20 ms Pulse Waveform


Numéro de pièce similaire - SZSD12T1G

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
SZS-0 PHOENIX-SZS-0 Datasheet
65Kb / 3P
   Screwdriver, bladed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
SZS-1 PHOENIX-SZS-1 Datasheet
65Kb / 3P
   The tools feature ergonomic two-component safety handles
logo
ON Semiconductor
SZSL05T1G ONSEMI-SZSL05T1G Datasheet
95Kb / 5P
   Capacitance TVS
October, 2016 ??Rev. 10
SZSL12T1G ONSEMI-SZSL12T1G Datasheet
95Kb / 5P
   Capacitance TVS
October, 2016 ??Rev. 10
SZSL15T1G ONSEMI-SZSL15T1G Datasheet
95Kb / 5P
   Capacitance TVS
October, 2016 ??Rev. 10
More results

Description similaire - SZSD12T1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1 Datasheet
91Kb / 4P
   Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
logo
Sensitron
1N6138A SENSITRON-1N6138A Datasheet
41Kb / 3P
   Transient Voltage Suppressor Diode, 1500W
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
ON Semiconductor
SM05T1 ONSEMI-SM05T1_11 Datasheet
109Kb / 5P
   Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com