Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74A23F Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TC74A23F
Description  Toshiba CMOS Digital Integrated Circuit Silicon Monolithic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74A23F Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74A23F Datasheet HTML 3Page - Toshiba Semiconductor TC74A23F Datasheet HTML 4Page - Toshiba Semiconductor TC74A23F Datasheet HTML 5Page - Toshiba Semiconductor TC74A23F Datasheet HTML 6Page - Toshiba Semiconductor TC74A23F Datasheet HTML 7Page - Toshiba Semiconductor TC74A23F Datasheet HTML 8Page - Toshiba Semiconductor TC74A23F Datasheet HTML 9Page - Toshiba Semiconductor TC74A23F Datasheet HTML 10Page - Toshiba Semiconductor TC74A23F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TC94A23F
2002-02-06
7
Pin
Number
Symbol
Pin Name
Function and Operation
Remarks
21~24
P1-0~P1-3
I/O port 1
4-bit CMOS I/O port.
Input/output can be set for each bit by
program.
The pins can be set to be pulled-up or
pulled-down by program. Thus, they can be
used as key input pins. When the pins are set
to I/O port input, Clock Stop mode and Wait
mode can be released, according to the
change in input to the pins.
25
P3-0
I/O port 3
26~28
P3-1/ADin1
~
P3-3/ADin3
I/O port 3
/A/D analog voltage
input
29
P4-0/ADin4
/BUZR
I/O port 4
/A/D analog voltage
input/buzzer output
5-bit CMOS I/O port.
Input/output can be set for each bit by
program.
P3-1 and P4-0 pins are also used as built-in
6-bit 4-channel A/D converter analog input
pins.
The built-in A/D converter uses successive
approximation. The conversion time is 6
instruction cycles (280
ms) when the 75 kHz
crystal oscillator is used; 198
ms when the 4.5
MHz crystal oscillator is used; 180
ms when
the 16.9344 MHz crystal oscillator is used.
A/D analog input can be set for each pin by
program. The internal power supply (MVDD) is
used as the reference voltage.
The P4-0 pin is also used as the buzzer
output pin.
One of four frequencies: 0.75, 1, 1.5, and 3
kHz, can be selected for buzzer output. The
buzzer is output at the selected frequency in
one of four modes: Continuous, single-shot,
10 Hz intermittent, and 10 Hz intermittent at 1
Hz interval.
Settings for the A/D converter and buzzer,
and their control can be performed by
program.
33
P2-0/EMPHin
34
P2-1/ HSO in
35
P2-2/LRCKin
36
P2-3/DATAin
I/O port 2
/1-bit DAC input
37
IN1/BCKin
89
IN2/ (VPP)
General-purpose
input port/1-bit DAC
input (VPP input)
I/O port 2 is a 4-bit CMOS I/O port.
IN1 and IN2 are a 2-bit general-purpose input
port.
Input/output can be set for each bit of I/O port
2 by program.
I/O port 2 and the IN1 pins can be switched to
1-bit DAC input pins by the CD command to
support shock-proofing. In this case, the I/O
port must be set to input.
With the OTP version, the IN2 pin is also used
as the program power supply pin.
MVDD
MVDD
RIN1
MVDD
MVDD
To A/D
converter
Input
instruction
MVDD
MVDD
MVDD


Numéro de pièce similaire - TC74A23F

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC74A2-3.3VAT MICROCHIP-TC74A2-3.3VAT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A2-3.3VCT MICROCHIP-TC74A2-3.3VCT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A2-3.3VCTTR MICROCHIP-TC74A2-3.3VCTTR Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A2-33VAT MICROCHIP-TC74A2-33VAT Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
TC74A2-33VCT MICROCHIP-TC74A2-33VCT Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
More results

Description similaire - TC74A23F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com