Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P-U86-DX127-X0XX1 Fiches technique(PDF) 4 Page - Amphenol Corporation

No de pièce P-U86-DX127-X0XX1
Description  d-sub technical data
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U86-DX127-X0XX1 Fiches technique(HTML) 4 Page - Amphenol Corporation

  P-U86-DX127-X0XX1 Datasheet HTML 1Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 2Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 3Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 4Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 5Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
8.00
16.00
24.00
32.00
42.10
49.60
51.63
4.50
(SEE NOTE 1)
BSC
25.68
0
0.73
2.28
3.67
0.65
2.20
3.59
5.14
6.52
7.50
3.93
3.93
2X6 OPTION ADDED
B
6
D
12
C
3
1
C
4
B
2
TOLERANCES ARE:
X
TITLE
5
X
LIGHT PIPE OPTIONS ADDED
MAR06/09
P-U86-DX127-X0XX1
X
C
X
MAR06/09
X
J.SI
X
J.SI
03554
CODE IDENT. NO.
C
4 OF 6
REVISIONS
2:1
DESIGNED
B
APR27/09
DATE
MAR06/09
REF.
PROPOSAL
A
X
STANDARD 2XN SFP COMBO
0.15
MATERIAL AND FINISH
Amphenol Canada Corp.
A
DWG APP'D
IE APP'D
DRAWN
QA APPD
CHECKED
X.XX
1
DIMENSIONS ARE IN MILLIMETERS
WITH LIGHT PIPE
A4
REV.
SHEET
DWG. NO.
PROJECT
SIZE
SCALE
APPROVALS
DECIMALS
ANGLES
UNLESS OTHERWISE SPECIFIED
AMPHENOL CANADA CORP.
DO NOT SCALE DRAWING
3
ECN
APPROVED
REV.
DATE
DESCRIPTION
A
N/A
X.X 0.25
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED
TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM
APR29/09
X
Z S X
X
M
-Z-
Y
X
S
0.05
0.05
-D-
0.05 S
Y
E
±0.05
1.85
±0.05
1.05
1.05±0.05 (TYP.)
M
M
D
0.05
E M
0.05 M D M X
-E-
2. 1.05 mm DIAMETER HOLES ARE
CHASSIS GROUND (37 HOLES).
DETAIL E
SCALE 5 : 1
1. DATUM AND BASIC DIMENSIONS
ESTABLISHED BY CUSTOMER.
NOTES:
F
1.85±0.05 (TYP.)
(TYP.)
1.60
11.15
0.46±0.05 (TYP.)
DETAIL F
SCALE 10 : 1
(TYP.)
1.10
2.50
(TYP.)


Numéro de pièce similaire - P-U86-DX127-X0XX1

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
P-U86-DX427-X0XX1 AMPHENOL-P-U86-DX427-X0XX1 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
More results

Description similaire - P-U86-DX127-X0XX1

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com