Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST485EXDR Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce ST485EXDR
Description  짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EXDR Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button ST485EXDR Datasheet HTML 5Page - STMicroelectronics ST485EXDR Datasheet HTML 6Page - STMicroelectronics ST485EXDR Datasheet HTML 7Page - STMicroelectronics ST485EXDR Datasheet HTML 8Page - STMicroelectronics ST485EXDR Datasheet HTML 9Page - STMicroelectronics ST485EXDR Datasheet HTML 10Page - STMicroelectronics ST485EXDR Datasheet HTML 11Page - STMicroelectronics ST485EXDR Datasheet HTML 12Page - STMicroelectronics ST485EXDR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ST485E
11/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.04
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
0.050
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
˚ (max.)
ddd
0.1
0.04
SO-8 MECHANICAL DATA
0016023/C
8


Numéro de pièce similaire - ST485EXDR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
More results

Description similaire - ST485EXDR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
   짹15KV ESD protected, Low power RS-485/RS-422 transceiver
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com