Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P-MDB-227-093-205BP Fiches technique(PDF) 1 Page - Amphenol Corporation

No de pièce P-MDB-227-093-205BP
Description  PART IS UL94V-0 FLAMMABILITY COMPLIANT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MDB-227-093-205BP Fiches technique(HTML) 1 Page - Amphenol Corporation

  P-MDB-227-093-205BP Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
35
1.378
D UPDATED MAY15,07 AG
NOV14/06
D
C
B
A
A
B
C
D
REF.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
MATERIAL AND FINISH
1
2
3
4
5
6
7
8
8
76
54
32
1
E
F
E
F
IE APP'D
DWG APP'D
TITLE
REV - DESCRIPT - DATE - APPRVD
NOV14/06
THIS DOCUMENT COTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
CODE IDENT. NO.
S.SEMENOV
.25
P-MDB-227-093-205BP
A.GREEN
Amphenol Canada Corp.
3 - PART NUMBER CHANGED
NOV14/06
D
FOR MDB CONNECTORS
MDB
S.SEMENOV
1 OF 1
DUST COVER
5:1
DO NOT SCALE DRAWING
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETER
TOLERANCES ARE:
DECIMALS
ANGLES
.XX
.10
1
.X
.
INSTALLATION ON MDB 9 SOCKET CONNECTOR
INSTALLATION ON MDB 9 PIN CONNECTOR
LONG HEX SCREW
4-40, P/NO. MDB-252-001BP
4-40, P/NO. MDB-252-002BP
SHORT HEX SCREW
DUST COVER INSTALLED OVER SHELL
17.5
.688
15.7
.619
BUSHING
1.260
3.05
.120
32.0
16.0
.630
DUST COVER
.
.
DUST COVER INSERTED INTO SHELL
19.4
.763
19.4
.763
2.376
60
.688
17.5
2.25
.089
NOTES:
1. MATERIAL:
- DUST COVER - SILICONE RUBBER, COLOR - GREY.
- BUSHING - BRASS, NICKEL PLATED.
- SCREWS - STAINLESS STEEL.
2. OPERATING TEMPERATURE: -40°C TO +105°C.
3. PART NUMBER FOR ORDER:
- DUST COVER: MDB-227-093-205BP.(BUSHING INCLUDED)
- LONG HEX SCREW: MDB-252-001BP
- SHORT HEX SCREW: MDB-252-002BP
4. PART IS RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND AMENDMENTS.
5. PART IS UL94V-0 FLAMMABILITY COMPLIANT.


Numéro de pièce similaire - P-MDB-227-093-205BP

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
P-MDB-A26PE-860 AMPHENOL-P-MDB-A26PE-860 Datasheet
166Kb / 2P
   d-sub technical data
P-MDB-E09PE-76X AMPHENOL-P-MDB-E09PE-76X Datasheet
83Kb / 2P
   FEATURES: SEALED CONNECTOR IN THE MATED AND UNMATED CONDITIONS
P-MDB-E09PE-860 AMPHENOL-P-MDB-E09PE-860 Datasheet
152Kb / 2P
   FEATURES: SEALED CONNECTOR IN THE MATED AND UNMATED CONDITIONS
P-MDB-E09SA-700 AMPHENOL-P-MDB-E09SA-700 Datasheet
81Kb / 1P
   HOUSING: HIGH STRENGTH THERMOPLASTIC
P-MDB-E09SE-76X AMPHENOL-P-MDB-E09SE-76X Datasheet
75Kb / 2P
   CONNECTOR IS ROHS COMPLIANT PER EU DIRECTIVE 2002
More results

Description similaire - P-MDB-227-093-205BP

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
P-MUSB-AA11-XX AMPHENOL-P-MUSB-AA11-XX Datasheet
129Kb / 2P
   FLAMMABILITY RATING UL94V-0 BLACK
P-MDB-E09SE-860 AMPHENOL-P-MDB-E09SE-860 Datasheet
165Kb / 2P
   PART IS RoHS COMPLIANT
logo
Projects Unlimited, Inc...
SMI-1324-TW-3V-R PUI-SMI-1324-TW-3V-R Datasheet
158Kb / 1P
   THIS PART IS RoHS 2002/95/EC COMPLIANT
logo
Amphenol Corporation
P-MRJ-2586-X2BP AMPHENOL-P-MRJ-2586-X2BP Datasheet
786Kb / 1P
   PART IS RoHS COMPLIANT PER EU DIRECTIVE 2002
logo
Mechatronics, Inc.
MI4-EC12-DF MECHATRONICS-MI4-EC12-DF Datasheet
585Kb / 1P
   UL94V-0 plastic impeller
MI6-EC12-DF MECHATRONICS-MI6-EC12-DF Datasheet
584Kb / 1P
   UL94V-0 plastic impeller
MI8-EC12-DF MECHATRONICS-MI8-EC12-DF Datasheet
583Kb / 1P
   UL94V-0 plastic impeller
MI10-EC12-DF MECHATRONICS-MI10-EC12-DF Datasheet
583Kb / 1P
   UL94V-0 plastic impeller
SMI8-EC12-DF MECHATRONICS-SMI8-EC12-DF Datasheet
572Kb / 1P
   UL94V-0 plastic impeller
SMI6-EC12-DF MECHATRONICS-SMI6-EC12-DF Datasheet
572Kb / 1P
   UL94V-0 plastic impeller
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com