Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4392DY-T1-E3 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI4392DY-T1-E3
Description  N-Channel Reduced Qg, Fast Switching WFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4392DY-T1-E3 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI4392DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4392DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4392DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4392DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4392DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si4392DY
Vishay Siliconix
www.vishay.com
2
Document Number: 72151
S-41427—Rev. D, 26-Jul-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1.0
3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 12.5 A
0.008
0.00975
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 10.0 A
0.011
0.01375
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 12.5 A
40
S
Diode Forward Voltagea
VSD
IS = 2.7 A, VGS = 0 V
0.73
1.1
V
Dynamicb
Total Gate Charge
Qg
10
15
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 4.5 V, ID = 12.5 A
3.5
nC
Gate-Drain Charge
Qgd
2.6
Gate Resistance
Rg
0.5
1.6
2.7
W
Turn-On Delay Time
td(on)
15
25
Rise Time
tr
VDD = 15 V, RL = 15 W
5
10
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, Rg = 6 W
45
70
ns
Fall Time
tf
8
15
Source-Drain Reverse Recovery Time
trr
IF = 2.7 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10
20
30
40
50
012345
VGS = 10 thru 4 V
TC = 125_C
−55_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
3 V


Numéro de pièce similaire - SI4392DY-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4392DY VISHAY-SI4392DY Datasheet
101Kb / 6P
   N-Channel Reduced Qg, Fast Switching WFET®
Rev. E, 12-Jun-06
SI4392DY VISHAY-SI4392DY_06 Datasheet
101Kb / 6P
   N-Channel Reduced Qg, Fast Switching WFET®
Rev. E, 12-Jun-06
More results

Description similaire - SI4392DY-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7392DP VISHAY-SI7392DP Datasheet
56Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. D, 26-Jul-04
SI7392ADP VISHAY-SI7392ADP Datasheet
234Kb / 3P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. B, 26-Jun-06
SI4368DY VISHAY-SI4368DY Datasheet
70Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. A, 02-Feb-04
SI4392DY VISHAY-SI4392DY_06 Datasheet
101Kb / 6P
   N-Channel Reduced Qg, Fast Switching WFET®
Rev. E, 12-Jun-06
SI4390DY VISHAY-SI4390DY Datasheet
44Kb / 5P
   N-Channel Qg, Fast Switching WFET
Rev. B, 19-May-03
SI4394DY VISHAY-SI4394DY Datasheet
70Kb / 5P
   N-Channel Reduced Qdg, Fast Switching WFET
Rev. A, 15-Mar-04
SI4860DY VISHAY-SI4860DY Datasheet
39Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFE
Rev. C, 14-Apr-03
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com