Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP116NAIDRVT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP116NAIDRVT
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP116NAIDRVT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TMP116NAIDRVT Datasheet HTML 2Page - Texas Instruments TMP116NAIDRVT Datasheet HTML 3Page - Texas Instruments TMP116NAIDRVT Datasheet HTML 4Page - Texas Instruments TMP116NAIDRVT Datasheet HTML 5Page - Texas Instruments TMP116NAIDRVT Datasheet HTML 6Page - Texas Instruments TMP116NAIDRVT Datasheet HTML 7Page - Texas Instruments TMP116NAIDRVT Datasheet HTML 8Page - Texas Instruments TMP116NAIDRVT Datasheet HTML 9Page - Texas Instruments TMP116NAIDRVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
VIH
VIL
SCL
P
S
VIH
VIL
SDA
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
S
tVD;DAT
6
TMP116, TMP116N
SBOS740 – MAY 2017
www.ti.com
Product Folder Links: TMP116 TMP116N
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications are over –55°C to +125°C and V+ = 1.9 V to 5.5 V (unless otherwise noted); typical
specifications are at TA = 25°C and V+ = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EEPROM
Programming time
7
ms
Number of writes
1,000
50,000
Times
Data retention time
10
100
Years
(1)
tVD;DATA = time for data signal from SCL low to SDA output (high to low, depending on which is worse).
6.6 Two-Wire Interface Timing
minimum and maximum specifications are over –55°C to 125°C and V+ = 1.9 V to 5.5 V (unless otherwise noted); typical
specifications are at TA = 25°C and V+ = 3.3 V; values are based on statistical analysis of samples tested during initial
release
MIN
MAX
UNIT
fSCL
SCL operating frequency
1
400
kHz
tBUF
Bus free time between STOP and START conditions
1300
ns
tHD;STA
Hold time after repeated START condition.
After this period, the first clock is generated.
600
ns
tSU;STA
Repeated START condition setup time
600
ns
tSU;STO
STOP condition setup time
600
ns
tHD;DAT
Data hold time
0
ns
tVD;DAT
Data valid time(1)
0.9
µs
tSU;DAT
Data setup time
100
ns
tLOW
SCL clock low period
1300
ns
tHIGH
SCL clock high period
600
ns
tF – SDA
Data fall time
20 × (V+ / 5.5)
300
ns
tF, tR – SCL
Clock fall and rise time
300
ns
tR
Rise time for SCL
≤ 100 kHz
1000
ns
Serial bus timeout (SDA bus released if there is no clock)
20
40
ms
Figure 1. Two-Wire Timing Diagram


Numéro de pièce similaire - TMP116NAIDRVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP116N TI1-TMP116N Datasheet
1Mb / 48P
[Old version datasheet]   TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
More results

Description similaire - TMP116NAIDRVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
[Old version datasheet]   high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com