Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS82140SIL Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS82140SIL
Description  17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82140SIL Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS82140SIL Datasheet HTML 7Page - Texas Instruments TPS82140SIL Datasheet HTML 8Page - Texas Instruments TPS82140SIL Datasheet HTML 9Page - Texas Instruments TPS82140SIL Datasheet HTML 10Page - Texas Instruments TPS82140SIL Datasheet HTML 11Page - Texas Instruments TPS82140SIL Datasheet HTML 12Page - Texas Instruments TPS82140SIL Datasheet HTML 13Page - Texas Instruments TPS82140SIL Datasheet HTML 14Page - Texas Instruments TPS82140SIL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TPS82140
12V
R1
124k
R2
100k
V
IN
POWER GOOD
VIN
EN
C2
22µF
R3
100k
V
OUT
1.8V/2A
C1
10µF
SS/TR
GND
PG
FB
VOUT
C3
3.3nF
Copyright © 2017, Texas Instruments Incorporated
11
TPS82140
www.ti.com
SLVSDN3 – JUNE 2017
Product Folder Links: TPS82140
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The output voltage of the TPS82140 is adjusted by component selection. The following section discusses the
design of the external components to complete the power supply design for several input and output voltage
options by using typical applications as a reference.
8.2 Typical Applications
8.2.1
1.8-V Output Application
space
Figure 5. 1.8-V Output Application
8.2.1.1 Design Requirements
For this design example, use the following as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
12V
Output voltage
1.8V
Output ripple voltage
< 20mV
Output current rating
2A
The components used for measurements are given in the following table.
(1)
SeeThird-party Products Disclaimer
Table 3. List of Components
REFERENCE
DESCRIPTION(1)
MANUFACTURER
C1
10 µF, 25 V, X7R, ±20%, size 1206, C3216X7R1E106M160AE
TDK
C2
22 µF, 10 V, X7S, ±20%, size 0805, C2012X7S1A226M125AC
TDK
C3
3300 pF, 50 V, ±5%, C0G/NP0, size 0603,
GRM1885C1H332JA01D
Murata
R1, R2, R3
Standard


Numéro de pièce similaire - TPS82140SIL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82130SILR TI1-TPS82130SILR Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82130SILT TI1-TPS82130SILT Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150SIL TI1-TPS82150SIL Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results

Description similaire - TPS82140SIL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPSM82822 TI1-TPSM82822_V02 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822 Datasheet
1Mb / 24P
[Old version datasheet]   TPSM82822 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPS82085 TI-TPS82085_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPSM82823 TI-TPSM82823 Datasheet
4Mb / 44P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com