Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE1117 Fiches technique(PDF) 3 Page - NTE Electronics

No de pièce NTE1117
Description  Integrated Circuit Audio Power Amp, 2 Watt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1117 Fiches technique(HTML) 3 Page - NTE Electronics

  NTE1117 Datasheet HTML 1Page - NTE Electronics NTE1117 Datasheet HTML 2Page - NTE Electronics NTE1117 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
.600 (15.24)
17
14
8
.300 (7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95) Max


Numéro de pièce similaire - NTE1117

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1110 NTE-NTE1110 Datasheet
82Kb / 3P
   Integrated Circuit Audio Power Amp, 2W
NTE1112 NTE-NTE1112 Datasheet
84Kb / 2P
   Integrated Circuit Audio Power Amplifier, 4W @ 24V
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
   Integrated Circuit Audio Power Amplifier, 7W
NTE1115A NTE-NTE1115A Datasheet
30Kb / 4P
   Integrated Circuit Audio Power Amplifier, 7W
NTE1116 NTE-NTE1116 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
More results

Description similaire - NTE1117

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1516 NTE-NTE1516 Datasheet
81Kb / 3P
   Integrated Circuit Audio Power Amp, 1.8 Watt
NTE1323 NTE-NTE1323 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp, 15 Watt
NTE1329 NTE-NTE1329 Datasheet
82Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 20 Watt, 2 Power Supplies Required
NTE1337 NTE-NTE1337 Datasheet
83Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required
NTE1381 NTE-NTE1381 Datasheet
81Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1228 NTE-NTE1228 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1110 NTE-NTE1110 Datasheet
82Kb / 3P
   Integrated Circuit Audio Power Amp, 2W
NTE828 NTE-NTE828 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amp, 1.5W
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
   Integrated Circuit Audio Power Amp, 5.8W
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com