Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40-06 Fiches technique(PDF) 2 Page - WILLAS ELECTRONIC CORP

No de pièce BAS40-06
Description  200mW Plastic-Encapsulate Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WILLAS [WILLAS ELECTRONIC CORP]
Site Internet  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS40-06 Fiches technique(HTML) 2 Page - WILLAS ELECTRONIC CORP

  BAS40-06 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS40-06 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS40-06 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BAS40-06 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
5
10
15
20
25
30
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
0.00
0.05
0.10
0.15
0.20
0.25
010
20
30
40
1E-3
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
REVERSE VOLTAGE V
R
(V)
Ta=25
f=1MHz
Capacitance Characteristics
Typical Characteristics
AMBIENT TEMPERATURE T
J
( )
Power Derating Curve
Ta=25℃
Ta=100℃
REVERSE VOLTAGE V
R
(V)
Reverse Characteristics
Ta=25℃
Ta=100℃
Forward Characteristics
FORWARD VOLTAGE V
F
(V)
2016.07
www.willas.com.tw
Rev.JL02
THRU


Numéro de pièce similaire - BAS40-06

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
BAS40-06 JIANGSU-BAS40-06 Datasheet
603Kb / 4P
   SCHOTTKY BARRIER DIODE
logo
NXP Semiconductors
BAS40-06 PHILIPS-BAS40-06 Datasheet
58Kb / 8P
   Schottky barrier double diodes
1999 Apr 28
logo
SHENZHEN KOO CHIN ELECT...
BAS40-06 KOOCHIN-BAS40-06 Datasheet
238Kb / 2P
   SCHOTTKY DIODE
logo
TRANSYS Electronics Lim...
BAS40-06 TEL-BAS40-06 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
Shenzhen Jin Yu Semicon...
BAS40-06 HTSEMI-BAS40-06 Datasheet
408Kb / 2P
   SCHOTTKY DIODE
More results

Description similaire - BAS40-06

FabricantNo de pièceFiches techniqueDescription
logo
WILLAS ELECTRONIC CORP
BAS40WS WILLAS-BAS40WS Datasheet
827Kb / 6P
   200mW Plastic-Encapsulate Schottky Barrier Diodes
BAS70W WILLAS-BAS70W Datasheet
716Kb / 6P
   Plastic-Encapsulate Schottky Barrier Diodes
BAS70WS WILLAS-BAS70WS Datasheet
785Kb / 6P
   Plastic-Encapsulate Schottky Barrier Diodes
BAS40W WILLAS-BAS40W Datasheet
563Kb / 5P
   150mW Plastic-Encapsulate Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SCS481J SECOS-SCS481J Datasheet
885Kb / 2P
   Plastic-Encapsulate Diodes 0.2AMP Schottky Barrier Rectifiers
BAS70WS SECOS-BAS70WS Datasheet
157Kb / 2P
   Schottky Diodes Plastic-Encapsulate Diodes
SD101AW SECOS-SD101AW Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW_15 Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SCS751DS SECOS-SCS751DS_15 Datasheet
98Kb / 2P
   Plastic-Encapsulate Schottky Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com