Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RMLA3565-58 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce RMLA3565-58
Description  Wideband Low Noise MMIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

RMLA3565-58 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  RMLA3565-58 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMLA3565-58 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMLA3565-58 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMLA3565-58 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMLA3565-58 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMLA3565-58 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMLA3565-58 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMLA3565-58 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Raytheon RF Components
362 Lowell Street
Andover, MA 01810
Revised March 28, 2002
Page 5
www.raytheonrf.com
Characteristic performance data and specifications are subject to change without notice.
PRODUCT INFORMATION
Performance
Data
RMLA3565-58
Wideband Low Noise MMIC Amplifier
17
17.5
18
18.5
19
19.5
20
20.5
3.5
4
4.5
5
5.5
6
6.5
Frequency (GHz)
3 Vdc
4 Vdc
5 Vdc
6 Vdc
RMLA3565-58
Small Signal Gain (Tcase = 25°C) Vs Vdd and Frequency
17
17.5
18
18.5
19
19.5
20
20.5
3.5
4
4.5
5
5.5
6
6.5
Frequency (GHz)
25 deg C
- 35 deg C
85 deg C
RMLA3565-58
Small Signal Gain (Vdd = 4 Vdc) Vs Temperature and Frequency


Numéro de pièce similaire - RMLA3565-58

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
RMLA3565A-58 ETC-RMLA3565A-58 Datasheet
244Kb / 8P
   Wideband Low Noise MMIC Amplifier
logo
Fairchild Semiconductor
RMLA3565C FAIRCHILD-RMLA3565C Datasheet
257Kb / 5P
   Wideband Low Noise MMIC Amplifier
RMLA3565C-TB FAIRCHILD-RMLA3565C-TB Datasheet
257Kb / 5P
   Wideband Low Noise MMIC Amplifier
More results

Description similaire - RMLA3565-58

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RMLA3565C FAIRCHILD-RMLA3565C Datasheet
257Kb / 5P
   Wideband Low Noise MMIC Amplifier
logo
List of Unclassifed Man...
RMLA3565A-58 ETC-RMLA3565A-58 Datasheet
244Kb / 8P
   Wideband Low Noise MMIC Amplifier
logo
NXP Semiconductors
BGU7003 NXP-BGU7003 Datasheet
158Kb / 17P
   Wideband silicon germanium low-noise amplifier MMIC
Rev. 01-2 March 2009
logo
TriQuint Semiconductor
TGA4830 TRIQUINT-TGA4830_15 Datasheet
569Kb / 10P
   Wideband Low Noise Amplifier
logo
DAICO Industries, Inc.
DAML6284 DAICO-DAML6284 Datasheet
130Kb / 1P
   Wideband Low Noise Amplifier
logo
Analog Devices
HMC-AUH312 AD-HMC-AUH312 Datasheet
315Kb / 17P
   Low Noise Wideband Amplifier
ADL7003 AD-ADL7003 Datasheet
481Kb / 18P
   Wideband Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4830-EPU TRIQUINT-TGA4830-EPU Datasheet
717Kb / 9P
   Wideband Low Noise Amplifier
logo
Analog Devices
HMC8400 AD-HMC8400 Datasheet
312Kb / 15P
   MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
181Kb / 6P
   GaAs HEMT MMIC WIDEBAND LOW NOISE AMPLIFIER, 2 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com