Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB3020CT Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SB3020CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB3020CT Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SB3020CT_16 Datasheet HTML 1Page - Pan Jit International Inc. SB3020CT_16 Datasheet HTML 2Page - Pan Jit International Inc. SB3020CT_16 Datasheet HTML 3Page - Pan Jit International Inc. SB3020CT_16 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
October 28,2016­REV.06
SB3020CT SERIES
RATING AND CHARACTERISTIC CURVES
Fig.1 FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
0
50
100
150
50
40
30
20
10
0
Fig.4 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.2 MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.5 TYPICAL JUNCTION CAPACITANCE
Fig.3 TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60Hz
400
350
300
250
200
150
100
50
0
1
2
5
10
20
50
100
20-45V
50-60V
REVERSE VOLTAGE, VOLTS
1
2
5
10
20
50 100 200
500
1200
1000
800
600
400
200
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
0
20
40
60
80
100
20
-30V
40
-60V
8.3ms Single
Half Sine-Wave
JEDEC Method
40
10
8
6
4
2
1.0
0.8
0.6
0.4
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T =100 C
J
O
T=75 C
J
O
T=25 C
J
O
10
1.0
0.1
0.01
0.001
T = 25 C
J
O
0
20
40
60
80
100
120
0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
40 ~ 60V
20 ~ 30V
Fig. Operating Temperature Derating Curve


Numéro de pièce similaire - SB3020CT_16

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB3020CT PANJIT-SB3020CT_10 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB3020CT_16

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com