Moteur de recherche de fiches techniques de composants électroniques |
|
NBSG16M Fiches technique(PDF) 4 Page - ON Semiconductor |
|
NBSG16M Fiches technique(HTML) 4 Page - ON Semiconductor |
4 / 12 page NBSG16M http://onsemi.com 4 Table 4. MAXIMUM RATINGS Symbol Parameter Condition 1 Condition 2 Rating Unit s VCC Positive Power Supply VEE = 0 V 3.6 V VEE Negative Power Supply VCC = 0 V −3.6 V VI Positive Input Negative Input VEE = 0 V VCC = 0 V VI v VCC VI w VEE 3.6 −3.6 V V VINPP Differential Input Voltage |D − D| VCC − VEE w 2.8 V VCC − VEE < 2.8 V 2.8 |VCC − VEE| V IIN Input Current Through RT (50 W Resistor) Static Surge 45 80 mA mA Iout Output Current Continuous Surge 25 50 mA mA IBB VBB Sink/Source 1.0 mA TA Operating Temperature Range −40 to +85 °C Tstg Storage Temperature Range −65 to +150 °C qJA Thermal Resistance (Junction−to−Ambient) (Note 5) 0 lfpm 500 lfpm QFN−16 QFN−16 42 35 °C/W °C/W qJC Thermal Resistance (Junction−to−Case) 1S2P (Note 5) QFN−16 4.0 °C/W Tsol Wave Solder < 15 sec. 225 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not im- plied, damage may occur and reliability may be affected. 5. JEDEC standard multilayer board − 1S2P (1 signal, 2 power) |
Numéro de pièce similaire - NBSG16M |
|
Description similaire - NBSG16M |