Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA516BE Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STA516BE
Description  500 W FFX digital amplifier power stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA516BE Fiches technique(HTML) 5 Page - STMicroelectronics

  STA516BE Datasheet HTML 1Page - STMicroelectronics STA516BE Datasheet HTML 2Page - STMicroelectronics STA516BE Datasheet HTML 3Page - STMicroelectronics STA516BE Datasheet HTML 4Page - STMicroelectronics STA516BE Datasheet HTML 5Page - STMicroelectronics STA516BE Datasheet HTML 6Page - STMicroelectronics STA516BE Datasheet HTML 7Page - STMicroelectronics STA516BE Datasheet HTML 8Page - STMicroelectronics STA516BE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STA516BE
Pin description
Pin
Name
Type
Description
1: bridges in parallel (OUT1A = OUT1B, OUT2A = OUT2B (If IN1A
= IN1B, IN2A = IN2B))
25
PWRDN
I
Standby pin:
0: low-power mode
1: normal operation
26
TRISTATE
I
Hi-Z pin:
0: all power amplifier outputs in high impedance state
1: normal operation
27
FAULT
O
Fault pin advisor (open-drain device, needs pull-up resistor):
0: fault detected (short circuit or thermal, for example)
1: normal operation
28
TH_WARN
O
Thermal warning advisor (open-drain device, needs pull-up resistor):
0: temperature of the IC >130 °C
1: normal operation
29
IN1A
I
Input of half bridge 1A
30
IN1B
I
Input of half bridge 1B
31
IN2A
I
Input of half bridge 2A
32
IN2B
I
Input of half bridge 2B
33,
34
VSS
PWR
5-V regulator referred to +VCC
35,
36
VCC_SIGN
PWR
Signal positive supply
DocID026166 Rev 1
5/20


Numéro de pièce similaire - STA516BE

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B13TR STMICROELECTRONICS-STA516B13TR Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B STMICROELECTRONICS-STA516B_10 Datasheet
212Kb / 17P
   65-volt, 7.5-amp, quad power half bridge
More results

Description similaire - STA516BE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI-TAS5110A Datasheet
165Kb / 17P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI1-TAS5110A_16 Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com